Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWA-801C2 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWA-801C2
Description  Alphanumeric LED Display Single Digit (0.80)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWA-801C2 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWA-801C2 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNAL CIRCUIT DIAGRAM
1
18 16 13
9
10
8
4
5
15
3
2
17 14
6
7
12
11
A1 A2
B
C D1 D2 E
F G1 G2 H
J
K
L
M
N DP
1
18 16 13
9
10
8
4
5
15
3
2
17 14
6
7
12
11
A1 A2
B
C D1 D2 E
F G1 G2 H
J
K
L
M
N DP
11.00
20.20
15.24
2.54*8=20.32
1.60
A1 A2
C
D2
DP
D1
B
K
J
H
G1 G2
M
N
L
E
F
φ0.50
8.0
o
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
750
5600
750
850
700
750
5600
750
850
700
2000
21000
2000
2200
1600
2000
21000
2000
2200
1600
Electro-optical Data(at 10mA)
KWA-801A3
KWA-801AS
KWA-801A2
KWA-801AG
KWA-801A6
KWA-801C3
KWA-801CS
KWA-801C2
KWA-801CG
KWA-801C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
KWA-801 SERIES
Alphanumeric LED Display
Single Digit (0.80")
DESCRIPTION:
The KWA-801 series is 0.80 inch (20.32mm) height 16-segment single digit
alphanumeric displays with the right DP.
This series is suitable for use in instrument panels, digital readout displays.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
+
PIN 1


Similar Part No. - KWA-801C2

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWA-2001 LUCKY-LIGHT-KWA-2001 Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
KWA-2001A2 LUCKY-LIGHT-KWA-2001A2 Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
KWA-2001A3 LUCKY-LIGHT-KWA-2001A3 Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
KWA-2001A6 LUCKY-LIGHT-KWA-2001A6 Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
KWA-2001AG LUCKY-LIGHT-KWA-2001AG Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
More results

Similar Description - KWA-801C2

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C825RD BRIGHT-BS-C825RD Datasheet
186Kb / 3P
   20.32 (0.80) high single digit 16-segment alphanumeric display
BS-A82DRD BRIGHT-BS-A82DRD Datasheet
187Kb / 3P
   20.32 (0.80) high single digit 16-segment alphanumeric display
logo
Lucky Light Electronic
KWA-501 LUCKY-LIGHT-KWA-501 Datasheet
50Kb / 1P
   Alphanumeric LED Display Single Digit (0.50)
KWA-2001 LUCKY-LIGHT-KWA-2001 Datasheet
57Kb / 1P
   Alphanumeric LED Display Single Digit (2.00)
logo
BRIGHT LED ELECTRONICS ...
BS-A81EGRD BRIGHT-BS-A81EGRD Datasheet
74Kb / 1P
   0.80(20.40MM)single DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW1-801 LUCKY-LIGHT-KW1-801 Datasheet
48Kb / 1P
   LED Numeric Display Single Digit (0.80)
logo
PARA LIGHT ELECTRONICS ...
A-811SR PARALIGHT-A-811SR Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
C-811G PARALIGHT-C-811G Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-816B7 CHINASEMI-CSS-816B7 Datasheet
186Kb / 6P
   0.80 Inch Single Digit Display
CSS-816G CHINASEMI-CSS-816G Datasheet
191Kb / 6P
   0.80 Inch Single Digit Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com