Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP7G75US60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FP7G75US60
Description  Transfer Molded Type IGBT Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FP7G75US60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FP7G75US60 Datasheet HTML 1Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 2Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 3Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 4Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 5Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 6Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 7Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 8Page - Fairchild Semiconductor FP7G75US60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FP7G75US60 Rev. A
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Symbol
Parameter
Conditions
Min
Typ Max
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE= 0V, IC = 250µA
600
-
-
V
∆BV
CES/
∆T
J
Temperature Coeff. of Breakdown Voltage
VGE= 0V, IC = 1mA
-
0.6
-
V
ICES
Collector Cut-off Current
VCE= VCES, VGE= 0V
-
-
250
uA
IGES
Gate-Emitter Leakage Current
VGE= VGES, VCE= 0V
-
-
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
VGE = 0V, IC=75mA
5.0
6.0
8.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 75A, VGE = 15V
-2.2
2.8
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
-
4515
-
pF
Coes
Output Capacitance
-
550
--
pF
Cres
Reverse Capacitance
-
100
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 75A,
RG = 3.3Ω, VGE = 15V
Inductive Load, TC = 25°C
-33-
ns
tr
Rise Time
-29-
ns
td(off)
Turn-Off Delay Time
-
92
-
ns
tf
Fall Time
-91-
ns
Eon
Turn-On Switching Loss
-
0.75
-
mJ
Eoff
Turn-Off Switching Loss
-
0.72
-
mJ
Ets
Total Switching Loss
-
1.47
-
mJ
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 75A,
RG = 3.3Ω, VGE = 15V
Inductive Load, TC = 125°C
-27-
ns
tr
Rise Time
-22-
ns
td(off)
Turn-Off Delay Time
-
96
-
ns
tf
Fall Time
-
197
-
ns
Eon
Turn-On Switching Loss
-
0.73
-
mJ
Eoff
Turn-Off Switching Loss
-
1.47
-
mJ
Ets
Total Switching Loss
-
2.2
-
mJ
Tsc
Short Circuit Withstand Time
VCC = 300 V, VGE = 15V @ TC = 100°C10
-
-
us
Qg
Total Gate Charge
VCE = 300 V, IC = 75A, VGE = 15V
-
205
-
nC
Qge
Gate-Emitter Charge
-
40
-
nC
Qgc
Gate-Collector Charge
-
115
-
nC


Similar Part No. - FP7G75US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
More results

Similar Description - FP7G75US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
logo
Mitsubishi Electric Sem...
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
logo
Fuji Electric
1MBK50D-060S FUJI-1MBK50D-060S Datasheet
390Kb / 5P
   Molded IGBT
1MBK30D-060S FUJI-1MBK30D-060S Datasheet
443Kb / 5P
   Molded IGBT
1MBH15-120 FUJI-1MBH15-120_01 Datasheet
260Kb / 5P
   Molded IGBT
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com