Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWM-30571 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWM-30571
Description  5 x 7 Dot Matrix (3.0mm Dot) LED Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-30571 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWM-30571 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWM-30571 SERIES
5 x 7 Dot Matrix (3.0mm Dot)
LED Display
INTERNAL CIRCUIT DIAGRAM
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
700
635
660
565
570
585
90
45
20
30
30
30
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
450
900
1600
800
850
800
450
900
1600
800
850
800
950
1800
3000
1700
1850
1700
950
1800
3000
1700
1850
1700
Electro-optical Characteristic
KWM-30571A5
KWM-30571A3
KWM-30571AS
KWM-30571A2
KWM-30571AG
KWM-30571A6
KWM-30571C5
KWM-30571C3
KWM-30571CS
KWM-30571C2
KWM-30571CG
KWM-30571C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Dot
Min. Typ. Max.
Iv (
µcd)
Per Dot
Min.
Typ.
PACKAGE DIMENSIONS
φ0.5
PIN1
ROW
1
2
3
4
5
6
7
1
COL
2 345
22.80
4.60*4=18.40
2.54*6=15.24
φ3.0(0.118)
33.00
5.3+0.5
8.0
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
2345
6
10
4
11
3
13
9
14
8
5
12
1
7
2
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
2345
6
10
4
11
3
13
9
14
8
5
12
1
7
2
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KWM-30571 series is 31.80mm (1.25") height 5 x 7 dot matrix display.
This series is suitable for use in single/multi-line message display, large area
graphics display and electronic games.
All devices are available as either common row anode or common row cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
ROW CATHODE
ROW ANODE
+
_


Similar Part No. - KWM-30571

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30571A32 LUCKY-LIGHT-KWM-30571A32 Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
KWM-30571A62 LUCKY-LIGHT-KWM-30571A62 Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
KWM-30571ASG LUCKY-LIGHT-KWM-30571ASG Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
KWM-30571C32 LUCKY-LIGHT-KWM-30571C32 Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
KWM-30571C62 LUCKY-LIGHT-KWM-30571C62 Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
More results

Similar Description - KWM-30571

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30572XY LUCKY-LIGHT-KWM-30572XY Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30581 LUCKY-LIGHT-KWM-30581 Datasheet
59Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-30571XY LUCKY-LIGHT-KWM-30571XY Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
KWM-50571 LUCKY-LIGHT-KWM-50571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
   5 x 7 DOT MATRIX LED DISPLAY
logo
Lucky Light Electronic
KWM-30581XY LUCKY-LIGHT-KWM-30581XY Datasheet
77Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30881 LUCKY-LIGHT-KWM-30881 Datasheet
69Kb / 1P
   8 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-50571XY LUCKY-LIGHT-KWM-50571XY Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com