Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWM-30571XY Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWM-30571XY
Description  5 x 7 Dot Matrix (3.0mm Dot) Multi-Color
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-30571XY Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWM-30571XY Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWM-30571XY SERIES
5 x 7 Dot Matrix (3.0mm Dot)
Multi-Color
LED Display
DESCRIPTION:
The KWM-30571XY series is 39.10mm (1.54") height 5 x 7 multi-color dot
matrix display.
This multi-color series is suitable for use in single/multi-line message display,
large area graphics display and electronic games.
All devices are available as either common row anode or common row cathode.
INTERNAL CIRCUIT DIAGRAM
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
1
COL
2
3
4
5
12
8
15
17
20
19
18
16
14
13
1
3
2
5
4
7
6
10
9
9 NO CONNECT
RED
GREEN
9 NO CONNECT
RED
GREEN
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
1
COL
2
3
4
5
12
8
15
17
20
19
18
16
14
13
1
3
2
5
4
7
6
10
9
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff Red
Green
Super Red
Super Green
Yellow
Green
Hi-Eff Red
Green
Super Red
Super Green
Yellow
Green
Emitted
Color
GaAsP/GaP
GaP
GaAlAs
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaP
GaAlAs
GaP
GaAsP/GaP
GaP
Raw
Material
Chip
635
565
660
570
585
565
635
565
660
570
585
565
45
30
20
30
30
30
45
30
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
2.2
1.9
2.2
1.9
2.2
1.9
2.2
1.9
2.2
1.9
2.2
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
850
750
1500
800
750
750
850
750
1500
800
750
750
1500
1400
3000
1550
1400
1400
1500
1400
3000
1550
1400
1400
Electro-optical Characteristic
KWM-30571A32
KWM-30571ASG
KWM-30571A62
KWM-30571C32
KWM-30571CSG
KWM-30571C62
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Dot
Min. Typ. Max.
Iv (
µcd)
Per Dot
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
ROW CATHODE
ROW ANODE
φ0.5(0.020)
PIN1
ROW
1
2
3
4
5
6
7
1
COL
2 345
22.80
4.60*4=18.40
2.0*9=18.0
φ3.0(0.118)
33.00(1.299)
6.30(0.248)
8.0(0.315)
+


Similar Part No. - KWM-30571XY

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571A2 LUCKY-LIGHT-KWM-30571A2 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571A3 LUCKY-LIGHT-KWM-30571A3 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571A5 LUCKY-LIGHT-KWM-30571A5 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571A6 LUCKY-LIGHT-KWM-30571A6 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
More results

Similar Description - KWM-30571XY

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-30572XY LUCKY-LIGHT-KWM-30572XY Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30581XY LUCKY-LIGHT-KWM-30581XY Datasheet
77Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-50571XY LUCKY-LIGHT-KWM-50571XY Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
KWM-30881XY LUCKY-LIGHT-KWM-30881XY Datasheet
91Kb / 1P
   8 x 8 Dot Matrix (3.0mm Dot) Multi-Color LED Display
KWM-30581 LUCKY-LIGHT-KWM-30581 Datasheet
59Kb / 1P
   5 x 8 Dot Matrix (3.0mm Dot) LED Display
KWM-50581XY LUCKY-LIGHT-KWM-50581XY Datasheet
75Kb / 1P
   5 x 8 Dot Matrix (5.0mm Dot) Multi-Color LED Display
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-50571 LUCKY-LIGHT-KWM-50571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com