Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPP06R001 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FPP06R001
Description  75V/60A Synchronous Rectifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPP06R001 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FPP06R001 Datasheet HTML 1Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 2Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 3Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 4Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 5Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 6Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 7Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 8Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FPP06R001 Rev. A
5
www.fairchildsemi.com
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Transient Thermal Response Curve
Figure 10. Maximum Safe Operating Area
Figure 11. Unclamped Inductive Switching
Capability
-50
0
50
100
150
0.85
0.90
1.00
1.10
1.15
* Notes:
1. V
IN = 0V
2. I
D = 250μA
T
J, Junction Temperature [°C]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
* Notes :
1. V
IN = 10 V
2. I
D = 40 A
T
J, Junction Temperature [°C]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.001
0.01
0.1
1
10
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 3.9
oC/W Typ.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2
0.1
1
10
100
0.1
1
10
100
200
DC
10ms
1ms
100μs
Notes :
1. T
C = 25
oC
2. T
J = 125
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS, Drain-Source Voltage [V]
0.01
0.1
1
10
100
1000
1
10
100
300
Starting T
J = 100℃
If R = 0
t
AV = (L)(IAS)/(1.3*Rated BVDSS - VDD)
If R ≠ 0
t
AV = (L/R)ln[(IAS*R)/(1.3*Rated BVDSS - VDD) + 1]
Starting T
J = 25℃
t
AV, Time In Avalanche [ms]


Similar Part No. - FPP06R001

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FPP MSYSTEM-FPP Datasheet
115Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
FPP-01 SCHURTER-FPP-01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-02 SCHURTER-FPP-02 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
More results

Similar Description - FPP06R001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD6M043N08 FAIRCHILD-FD6M043N08 Datasheet
649Kb / 9P
   75V/65A Synchronous Rectifier Module
FD6M045N06 FAIRCHILD-FD6M045N06 Datasheet
557Kb / 9P
   60V/60A Synchronous Rectifier Module
logo
MacMic
MMD60A MACMIC-MMD60A Datasheet
1Mb / 3P
   60A Rectifier Diode Module
MMD60A160U MACMIC-MMD60A160U Datasheet
205Kb / 3P
   60A Rectifier Diode Module
logo
Maxwell Technologies
BMOD0094 MAXWELL-BMOD0094 Datasheet
925Kb / 5P
   75V MODULE
logo
Microsemi Corporation
SRM4010 MICROSEMI-SRM4010 Datasheet
231Kb / 11P
   40A Synchronous Rectifier Module
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
logo
Monolithic Power System...
MP4569 MPS-MP4569 Datasheet
751Kb / 17P
   75V, 0.3A Synchronous Step-Down Converter
logo
Fairchild Semiconductor
FD6M033N06 FAIRCHILD-FD6M033N06 Datasheet
641Kb / 9P
   60V/73A Synchronous Rectifier Module
FD6M016N03 FAIRCHILD-FD6M016N03 Datasheet
894Kb / 9P
   30V/80A Synchronous Rectifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com