Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPCC01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 2 Page - STMicroelectronics

  STPCC01 Datasheet HTML 1Page - STMicroelectronics STPCC01 Datasheet HTML 2Page - STMicroelectronics STPCC01 Datasheet HTML 3Page - STMicroelectronics STPCC01 Datasheet HTML 4Page - STMicroelectronics STPCC01 Datasheet HTML 5Page - STMicroelectronics STPCC01 Datasheet HTML 6Page - STMicroelectronics STPCC01 Datasheet HTML 7Page - STMicroelectronics STPCC01 Datasheet HTML 8Page - STMicroelectronics STPCC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
STPC CONSUMER
2/51
Issue 1.2
s
X86 Processor core
s
Fully static 32-bit 5-stage pipeline, x86
processor fully PC compatible.
s
Can access up to 4GBytes of external
memory.
s
8KByte unified instruction and data cache
with write back and write through capability.
s
Parallel processing integral floating point unit,
with automatic power down.
s
Clock core speeds up to of 100 MHz.
s
Fully static design for dynamic clock control.
s
Low power and system management modes.
s
Optimized design for 3.3V operation.
s
DRAM Controller
s
Integrated system memory and graphic frame
memory.
s
Supports up to 128 MBytes system memory
in 4 banks and down to as little as 2Mbytes.
s
Supports 4MB, 8MB, 16MB, 32MB single-
sided and double-sided DRAM SIMMs.
s
Four quad-word write buffers for CPU to
DRAM and PCI to DRAM cycles.
s
Four 4-word read buffers for PCI masters.
s
Supports Fast Page Mode & EDO DRAM.
s
Programmable timing for DRAM parameters
including CAS pulse width, CAS pre-charge
time and RAS to CAS delay.
s
60, 70, 80 & 100ns DRAM speeds.
s
Memory hole between 1 MByte & 8 MByte
supported for PCI/ISA busses.
s
Hidden refresh.
To check if your memory device is supported by
the STPC, please refer to Table 9-3 in the
Programming Manual.
s
Graphics Engine
s
64-bit windows accelerator.
s
Backward compatibility to SVGA standards.
s
Hardware acceleration for text, bitblts,
transparent blts and fills.
s
Up to 64 x 64 bit graphics hardware cursor.
s
Up to 4MB long linear frame buffer.
s
8-, 16-, and 24-bit pixels.
s
Drivers for Windows and other operating
systems.
s
VGA Controller
s
Integrated 135MHz triple RAMDAC allowing
for 1280 x 1024 x 75Hz display.
s
Requires external frequency synthesizer and
reference sources.
s
8-, 16-, 24-bit pixels.
s
Interlaced or non-interlaced output.
s
Video Input port
s
Accepts video inputs in CCIR 601/656 or
ITU-R 601/656, and stream decoding.
s
Optional 2:1 decimator
s
Stores captured video in off setting area of
the onboard frame buffer.
s
Video pass through to the onboard PAL/
NTSC encoder for full screen video images.
s
HSYNC and B/T generation or lock onto
external video timing source.
s
Video Pipeline
s
Two-tap interpolative horizontal filter.
s
Two-tap interpolative vertical filter.
s
Color space conversion (RGB to YUV and
YUV to RGB).
s
Programmable window size.
s
Chroma and color keying for integrated video
overlay.
s
Programmable two tap filter with gamma
correction or three tap flicker filter.
s
Progressive to interlaced scan converter.
s
Digital NTSC/PAL encoder
s
NTSC-M, PAL-M,PAL-B,D,G,H,I,PAL-N easy
programmable video outputs.
s
CCIR601 encoding with programmable color
subcarrier frequencies.
s
Line skip/insert capability
s
Interlaced or non-interlaced operation mode.
s
625 lines/50Hz or 525 lines/60Hz 8 bit
multiplexed CB-Y-CR digital input.
s
CVBS and R,G,B simultaneous analog
outputs through 10-bit DACs.
s
Cross color reduction by specific trap filtering
on luma within CVBS flow.
s
Power down mode available on each DAC.


Similar Part No. - STPCC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCC0310BTC3 STMICROELECTRONICS-STPCC0310BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0366BTC3 STMICROELECTRONICS-STPCC0366BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0375BTC3 STMICROELECTRONICS-STPCC0375BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0390BTC3 STMICROELECTRONICS-STPCC0390BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
More results

Similar Description - STPCC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
National Semiconductor ...
TP3058 NSC-TP3058 Datasheet
433Kb / 11P
   MICROPROCESSOR COMPATIBLE COMBO-R
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
logo
National Semiconductor ...
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com