Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPCC01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 2Page - STMicroelectronics STPCC01 Datasheet HTML 3Page - STMicroelectronics STPCC01 Datasheet HTML 4Page - STMicroelectronics STPCC01 Datasheet HTML 5Page - STMicroelectronics STPCC01 Datasheet HTML 6Page - STMicroelectronics STPCC01 Datasheet HTML 7Page - STMicroelectronics STPCC01 Datasheet HTML 8Page - STMicroelectronics STPCC01 Datasheet HTML 9Page - STMicroelectronics STPCC01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
GENERAL DESCRIPTION
6/51
Issue 1.2
1. GENERAL DESCRIPTION
At the heart of the STPC Consumer is an ad-
vanced processor block, dubbed the 5ST86. The
5ST86 includes a powerful x86 processor core
along with a 64-bit DRAM controller, advanced
64bit accelerated graphics and video controller, a
high speed PCI local-bus controller and Industry
standard PC chip set functions (Interrupt control-
ler, DMA Controller, Interval timer and ISA bus)
and EIDE controller.
The STPC Consumer has in addition to the
5ST86, a Video subsystem and high quality digital
Television output.
The STMicroelectronics x86 processor core is em-
bedded with standard and application specific pe-
ripheral modules on the same silicon die. The core
has all the functionality of the STMicroelectronics
standard x86 processor products, including the
low power System Management Mode (SMM).
System Management Mode (SMM) provides an
additional interrupt and address space that can be
used for system power management or software
transparent emulation of peripherals. While run-
ning in isolated SMM address space, the SMM in-
terrupt routine can execute without interfering with
the operating system or application programs.
Further power management facilities include a
suspend mode that can be initiated from either
hardware or software. Because of the static nature
of the core, no internal data is lost.
The STPC Consumer makes use of a tightly cou-
pled Unified Memory Architecture (UMA), where
the same memory array is used for CPU main
memory and graphics frame-buffer. This signifi-
cantly reduces total system memory with system
performances equal to that of a comparable solu-
tion with separate frame buffer and system mem-
ory. In addition, memory bandwidth is improved by
attaching the graphics engine directly to the 64-bit
processor host interface running at the speed of
the processor bus rather than the traditional PCI
bus.
The 64-bit wide memory array provides the sys-
tem with 320MB/s peak bandwidth, double that of
an equivalent system using 32 bits. This allows for
higher screen resolutions and greater color depth.
The processor bus runs at the speed of the proc-
essor (DX devices) or half the speed (DX2 devic-
es).
The ‘standard’ PC chipset functions (DMA, inter-
rupt controller, timers, power management logic)
are integrated with the x86 processor core.
The PCI bus is the main data communication link
to the STPC Consumer chip. The STPC Consum-
er translates appropriate host bus I/O and Memory
cycles onto the PCI bus. It also supports the gen-
eration of Configuration cycles on the PCI bus.
The STPC Consumer, as a PCI bus agent (host
bridge class), fully complies with PCI specification
2.1. The chip-set also implements the PCI manda-
tory header registers in Type 0 PCI configuration
space for easy porting of PCI aware system BI-
OS. The device contains a PCI arbitration function
for three external PCI devices.
The STPC Consumer integrates an ISA bus con-
troller. Peripheral modules such as parallel and
serial communications ports, keyboard controllers
and additional ISA devices can be accessed by
the STPC Consumer chip set through this bus.
An industry standard EIDE (ATA 2) controller is
built in to the STPC Consumer and connected in-
ternally via the PCI bus.
Graphics functions are controlled by the on-chip
SVGA controller and the monitor display is man-
aged by the 2D graphics display engine.
This Graphics Engine is tuned to work with the
host CPU to provide a balanced graphics system
with a low silicon area cost. It performs limited
graphics drawing operations, which include hard-
ware acceleration of text, bitblts, transparent blts
and fills. These operations can act on off-screen
or on-screen areas. The frame buffer size ranges
up to 4 Mbytes anywhere in the physical main
memory.
The graphics resolution supported is a maximum
of 1280x1024 in 65536 colours at 75Hz refresh
rate and is VGA and SVGA compatible. Horizontal
timing fields are VGA compatible while the vertical
fields are extended by one bit to accommodate the
above display resolution.
STPC Consumer provides several additional func-
tions to handle MPEG or similar video streams.
The Video Input Port accepts an encoded digital
video stream in one of a number of industry stand-
ard formats, decodes it, optionally decimates it by
a factor of 2:1, and deposits it into an off screen
area of the frame buffer. An interrupt request can
be generated when an entire field or frame has
been captured.


Similar Part No. - STPCC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCC0310BTC3 STMICROELECTRONICS-STPCC0310BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0366BTC3 STMICROELECTRONICS-STPCC0366BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0375BTC3 STMICROELECTRONICS-STPCC0375BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCC0390BTC3 STMICROELECTRONICS-STPCC0390BTC3 Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
More results

Similar Description - STPCC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
National Semiconductor ...
TP3058 NSC-TP3058 Datasheet
433Kb / 11P
   MICROPROCESSOR COMPATIBLE COMBO-R
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
logo
National Semiconductor ...
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com