Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA1156P6 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSA1156P6
Description  Low-RON Low-Voltage SPST Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1156P6 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSA1156P6 Datasheet HTML 3Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 4Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 5Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 6Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 7Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 8Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 9Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 10Page - Fairchild Semiconductor FSA1156P6 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1156, FSA1157 • Rev. 1.0.3
10
Physical Dimensions (Continued)
Figure 11. 6-Lead MicroPak, 1.0mm Wide
Note: click here for tape and reel specifcations, available at:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
C B A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X


Similar Part No. - FSA1156P6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156P6 FAIRCHILD-FSA1156P6 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156P6 FAIRCHILD-FSA1156P6 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156P6X FAIRCHILD-FSA1156P6X Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156P6X FAIRCHILD-FSA1156P6X Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
ON Semiconductor
FSA1156P6X ONSEMI-FSA1156P6X Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
More results

Similar Description - FSA1156P6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com