Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWM-50571CG Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KWM-50571CG
Description  5 x 7 Dot Matrix (5.0mm Dot) LED Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-50571CG Datasheet(HTML) 1 Page - Lucky Light Electronic

  KWM-50571CG Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KWM-50571 SERIES
5 x 7 Dot Matrix (5.0mm Dot)
LED Display
INTERNAL CIRCUIT DIAGRAM
PIN1
φ5.0(0.197)
37.80(1.488)
7.62*4=30.48(1.200)
8.40(0.331)
5.30(0.208)
2.54*6=15.24(0.600)
φ0.5(0.020)
38.10(1.500)
ROW
1
2
3
4
5
6
7
1
COL
2345
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
2345
6
10
4
11
3
13
9
14
8
5
12
1
7
2
1
COL
PIN
NO.
PIN
NO.
ROW
1
2
3
4
5
6
7
2345
6
10
4
11
3
13
9
14
8
5
12
1
7
2
ROW CATHODE
ROW ANODE
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Bright Red
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
700
635
660
565
570
585
700
635
660
565
570
585
90
45
20
30
30
30
90
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.7
1.5
1.7
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
2.4
1.9
1.9
2.2
2.2
1.9
2.4
1.9
1.9
2.2
2.2
1.9
2.8
2.6
2.6
2.6
2.6
2.6
2.8
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
450
900
1600
800
850
800
450
900
1600
800
850
800
950
1800
3000
1700
1850
1700
950
1800
3000
1700
1850
1700
Electro-optical Characteristic
KWM-50571A5
KWM-50571A3
KWM-50571AS
KWM-50571A2
KWM-50571AG
KWM-50571A6
KWM-50571C5
KWM-50571C3
KWM-50571CS
KWM-50571C2
KWM-50571CG
KWM-50571C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Dot
Min. Typ. Max.
Iv (
µcd)
Per Dot
Min.
Typ.
PACKAGE DIMENSIONS
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KWM-50571 series is 53.10mm (2.1") height 5 x 7 dot matrix display.
This series is suitable for use in single/multi-line message display, large area
graphics display and electronic games.
All devices are available as either common row anode or common row cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.


Similar Part No. - KWM-50571CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-50571C26 LUCKY-LIGHT-KWM-50571C26 Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
KWM-50571C32 LUCKY-LIGHT-KWM-50571C32 Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
KWM-50571CSG LUCKY-LIGHT-KWM-50571CSG Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
More results

Similar Description - KWM-50571CG

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KWM-50571XY LUCKY-LIGHT-KWM-50571XY Datasheet
72Kb / 1P
   5 x 7 Dot Matrix (5.0mm Dot) Multi-Color LED Display
KWM-50581 LUCKY-LIGHT-KWM-50581 Datasheet
59Kb / 1P
   5 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-50581XY LUCKY-LIGHT-KWM-50581XY Datasheet
75Kb / 1P
   5 x 8 Dot Matrix (5.0mm Dot) Multi-Color LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
   5 x 7 DOT MATRIX LED DISPLAY
logo
Lucky Light Electronic
KWM-50881 LUCKY-LIGHT-KWM-50881 Datasheet
70Kb / 1P
   8 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-50882 LUCKY-LIGHT-KWM-50882 Datasheet
70Kb / 1P
   8 x 8 Dot Matrix (5.0mm Dot) LED Display
KWM-30572XY LUCKY-LIGHT-KWM-30572XY Datasheet
70Kb / 1P
   5 x 7 Dot Matrix (3.0mm Dot) Multi-Color LED Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com