Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C5181024L-70W Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V62C5181024L-70W
Description  128K X 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C5181024L-70W Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V62C5181024L-70W Datasheet HTML 2Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 3Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 4Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 5Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 6Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 7Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 8Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 9Page - Mosel Vitelic, Corp V62C5181024L-70W Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
V62C5181024 Rev. 2.2 February 2000
MOSEL VITELIC
V62C5181024
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Write Cycle
Parameter
Name
Parameter
-35
-45
-55
-70
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
35
45
55
70
ns
tAA
Address Access Time
35
45
55
70
ns
tACS1
Chip Enable Access Time
35
45
55
70
ns
tACS2
Chip Enable Access Time
35
45
55
70
ns
tOE
Output Enable to Output Valid
10
20
25
35
ns
tCLZ1
Chip Enable to Output in Low Z
3
5
7
10
ns
tCLZ2
Chip Enable to Output in Low Z
3
5
7
10
ns
tOLZ
Output Enable to Output in Low Z
5
5
5
5
ns
tCHZ
Chip Disable to Output in High Z
0
10
0
15
0
20
0
25
ns
tOHZ
Output Disable to Output in High Z
0
10
0
15
0
20
0
25
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
Parameter
Name
Parameter
-35
-45
-55
-70
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tWC
Write Cycle Time
35
45
55
70
ns
tCW1
Chip Enable to End of Write
25
35
50
60
ns
tCW2
Chip Enable to End of Write
25
35
50
60
ns
tAS
Address Setup Time
0
0
0
0
ns
tAW
Address Valid to End of Write
25
35
45
60
ns
tWP
Write Pulse Width
25
35
40
50
ns
tWR
Write Recovery Time
0
0
0
0
ns
tWHZ
Write to Output High-Z
0
10
0
15
0
20
0
25
ns
tWLZ
Write to Output Low Z
3
5
5
5
ns
tDW
Data Setup to End of Write
20
25
25
30
ns
tDH
Data Hold from End of Write
0
0
0
0
ns


Similar Part No. - V62C5181024L-70W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - V62C5181024L-70W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com