Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1029PZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMA1029PZ
Description  Dual P-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1029PZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMA1029PZ_08 Datasheet HTML 1Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 2Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 3Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 4Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 5Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 6Page - Fairchild Semiconductor FDMA1029PZ_08 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –1.1 A (Note 2)
–0.8
–1.2
V
trr
Diode Reverse Recovery Time
25
ns
Qrr
Diode Reverse Recovery Charge
IF = –3.1 A,
dIF/dt = 100 A/µs
9
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. R
θ
JC is guaranteed by design while RθJA is
determined by the user's board design.
(a) RθJA = 86°C/W when mounted on a 1in
2 pad of 2 oz copper, 1.5” x 1.5” x 0.062” thick PCB
(b) RθJA = 173°C/W when mounted on a minimum pad of 2 oz copper
(c) RθJA = 69°C/W when mounted on a 1in
2 pad of 2 oz copper, 1.5” x 1.5” x 0.062” thick PCB
(d) RθJA = 151°C/W when mounted on a minimum pad of 2 oz copper
a) 86oC/W when
mounted on a
1in2 pad of
2 oz copper
b) 173oC/W when
mounted on a
minimum pad of
2 oz copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
FDMA1029PZ Rev B2 (W)
3. The diode connected between the gate and source serves only protection against ESD. No gate overvoltage rating is implied.


Similar Part No. - FDMA1029PZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
More results

Similar Description - FDMA1029PZ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1025P FAIRCHILD-FDMA1025P_08 Datasheet
1Mb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDS9958 FAIRCHILD-FDS9958 Datasheet
261Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDS9958F085 FAIRCHILD-FDS9958F085 Datasheet
555Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDMJ1023PZ FAIRCHILD-FDMJ1023PZ Datasheet
290Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_08 Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDD8424H FAIRCHILD-FDD8424H Datasheet
638Kb / 12P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDS8960C_0511 FAIRCHILD-FDS8960C_0511 Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com