Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8880 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDS8880
Description  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8880 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDS8880 Datasheet HTML 2Page - Fairchild Semiconductor FDS8880 Datasheet HTML 3Page - Fairchild Semiconductor FDS8880 Datasheet HTML 4Page - Fairchild Semiconductor FDS8880 Datasheet HTML 5Page - Fairchild Semiconductor FDS8880 Datasheet HTML 6Page - Fairchild Semiconductor FDS8880 Datasheet HTML 7Page - Fairchild Semiconductor FDS8880 Datasheet HTML 8Page - Fairchild Semiconductor FDS8880 Datasheet HTML 9Page - Fairchild Semiconductor FDS8880 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8880 Rev. B
www.fairchildsemi.com
6
Figure 11.
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (oC)
ID = 250µA
Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12.
100
1000
0.1
1
10
2000
30
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs Drain to Source
Voltage
Figure 13.
0
2
4
6
8
10
0
5
10
15
20
25
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 11.6A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:
Gate Charge Waveforms for Constant
Gate Currents
Figure 14. Forward Bias Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
10s
1s
100ms
10ms
1ms
100us
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDS8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Similar Description - FDS8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com