Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN12AC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FIN12AC
Description  Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN12AC Datasheet HTML 3Page - Fairchild Semiconductor FIN12AC Datasheet HTML 4Page - Fairchild Semiconductor FIN12AC Datasheet HTML 5Page - Fairchild Semiconductor FIN12AC Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC Datasheet HTML 9Page - Fairchild Semiconductor FIN12AC Datasheet HTML 10Page - Fairchild Semiconductor FIN12AC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.2
7
LVCMOS Data I/O
The LVCMOS input buffers have a nominal threshold
value equal to half VDDP. The input buffers are only
operational when the device is operating as a serializer.
When the device is operating as a deserializer, the inputs
are gated off to conserve power.
The LVCMOS 3-STATE output buffers are rated for a
source / sink current of 2mA at 1.8V. The outputs are
active when the DIRI signal is asserted LOW. When the
DIRI signal is asserted HIGH, the bi-directional LVCMOS
I/Os are in HIGH-Z state. Under purely capacitive load
conditions, the output swings between GND and VDDP.
Figure 3.
LVCMOS I/O
Application Mode Diagrams
Modes 1, 2, 3: Unidirectional Data Transfer
Figure 4. Simplified Block Diagram for Unidirectional Serializer and Deserializer
Figure 4. shows basic operation when a pair of µSerDes is configured in an unidirectional operation mode.
Master Operation:
1. During power-up, the device is configured as a
serializer based on the value of the DIRI signal.
2. The device accepts CKREF_M word clock and gen-
erates a bit clock, which is sent to the slave device
through the CKSO port.
3. The device receives parallel data on the rising edge
of STROBE_M.
4. The device generates and transmits serialized data
on the DS signals, which is source synchronous with
CKSO.
5. The device generates an embedded word clock for
each strobe signal.
Slave Operation:
1. The device is configured as a deserializer at power-
up based on the value of the DIRI signal.
2. The device accepts the bit clock on CKSI.
3. The device deserializes the DS data stream using the
CKSI input clock.
4. The device writes parallel data onto the DP_S port
and generates the CKP_S only when a valid data
word occurs.
From
Deserializer
To
Serializer
From
Control
DP[n]
+
+
+
+
CKREF_M
CKSO
CKSI
CKP_S
DP[1:12]_S
Serializer
Control
BIT CK
Gen.
PLL
Master Device Operating as a Serializer
DIR = “1”
Slave Device Operating as a Deserializer
DIR = “0”
Deserializer
Control
Work CK
Gen
Serializer
Deserializer
DS
STROBE_M
DP[1:12]_M


Similar Part No. - FIN12AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com