Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN324CMLX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FIN324CMLX
Description  24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CMLX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FIN324CMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.1.2
3
Pin Definitions
Pin
I/O Type
# Pins
Description of Signals
M/S
CMOS IN
1
Master/Slave Control Input:
The master is tied to the processor. The slave is tied to the display(s).
M/S=1 MASTER, M/S=0 SLAVE
/RES
CMOS IN
1
Reset and power-down signal
/RES=0: Resets and powers down all circuitry
/RES=1: Device enabled
/STBY
CMOS IN
1
Master standby signal
/STBY=0: Device powered down
/STBY=1: Device enabled
SLEW
CMOS IN
1
Slave output slew rate control
SLEW=1: Fast edge rate
SLEW=0: Slow edge rate
PAR/SPI
CMOS IN
1
Parallel / SPI display interface select
PAR/SPI=1: Parallel Interface
PAR/SPI=0: SPI Interface using STRB0 and WCLK0
CKSEL
CMOS IN
1
Master clock source select input.
CKSEL=1: STRB1 and WCLK1 Active
CKSEL=0: STRB0 and WCLK0 Active
DP[17:0]
CMOS I/O
18
Parallel data I/O.
I/O direction controlled by M/S pin and R/W internal state.
DP[6] SPI mode SCLK signal pin when PAR/SPI=0 (Slave Only)
DP[7] SPI mode SDAT signal pin when PAR/SPI=0(Slave Only)
CNTL[5:0]
CMOS I/O
6
Parallel data I/O. I/O direction controlled by M/S pin
M/S=1: Inputs
M/S=0: Outputs
R/W
CMOS I/O
1
Read / Write input control or output signal.
M/S=1: Input
M/S=0: Output
Functional operation:
R/W=1: Read
R/W=0: Write
STRB0
STRB1
CMOS IN
2
Word latch or pixel clock input.
WCLK0
WCLK1
CMOS
OUT
2
Word latch or pixel clock output.
SCLK
SDAT
/CS
CMOS I/O
2
SPI mode signal pins.
The master SCLK input is shared with CNTL[5] when M/S=1 and PARI/SPI=0.
The master SDAT input is shared with CNTL[4] when M/S=1 and PARI/SPI=0.
The master /CS input is shared with STRB0 when M/S=1 and PAR/SPI=0.
The slave SCLK output is shared with DP[6] and CNTL[5] when M/S=0 and PAR/SPI=0.
The slave SDAT output is shared with DP[7] and CNTL[4] when M/S=0 and PAR/SPI=0.
The slave /CS output is shared with WCLK0 when M/S=0 and PAR/SPI=0.
CKS+
CKS-
Differential
Serial I/O
2
Serial clock differential signal
(1)
DS+
DS-
Differential
Serial I/O
2
Serial data differential signal
(1)
VDDP
Supply
1
Power supply for parallel I/O and internal circuitry.
VDDS
Supply
1
Power supply for serial I/O.
VDDA
Supply
1
Power supply for internal bit clock generator.
GND
Supply
1-3
Ground Pins:
BGA - C1 and D2; E3 is for supplier use only and must be tied to ground.
MLP - center pad; Pin 12 is for supplier use only and must be tied to ground.
Note
:
1.
Serial I/O signals are swapped on the slave so system traces do not have to cross between master and slave.


Similar Part No. - FIN324CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
More results

Similar Description - FIN324CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com