Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6846ALSY Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SG6846ALSY
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846ALSY Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SG6846ALSY Datasheet HTML 4Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 5Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 6Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 7Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 8Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 9Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 10Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 11Page - Fairchild Semiconductor SG6846ALSY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846A • Rev. 1.1.4
8
65KHz
22.5KHz
V
V
FB-N
FB-G
FB
V
Frequency
PWM
Frequency
+4.2KHz
-4.2KHz
+1.45KHz
-1. 45KHz
Figure 7. PWM Frequency
Electrical Characteristics (Continued)
VDD = 15V and TA = 25°C unless otherwise noted.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PWM Output Section
DCYMAX
Maximum Duty Cycle
80
85
90
%
VOL
Output Voltage Low
VDD = 15V, IO = 50mA
1.5
V
VOH
Output Voltage High
VDD = 12V, IO = 50mA
8
V
tR
Rising Time
GATE = 1nF
350
ns
tF
Falling Time
GATE = 1nF
50
ns
VCLAMP
Gate Output Clamping Voltage
VDD = 20V
18
V
Over-Temperature Protection (OTP) Section
(1)
IRT
Output Current of RT Pin
RI = 26kΩ
64
70
76
µA
VRTTH
Threshold Voltage for OTP
1.015
1.065
1.115
V
tDOTP-LATCH
Over-Temperature Latch-off Debounce
RI = 26kΩ
100
ms
RRT-OFF
Equivalent Impedance of RT for OTP
(1)
RI = 26kΩ
14
15
16
kΩ
RI Section
RINOR
RI Operating Range
13
36
kΩ
RIMAX
Maximum RI Value for Protection
10
MΩ
RIMIN
Minimum RI Value for Protection
6
kΩ
Note:
1.
The relationship between RRT-OFF and RI is:
))
(K
R
/
26
A
(70
/
V
I
/
V
R
I
RT
RT
OFF
-
LATCH
-
OTP
OFF
-
RT
Ω
×
=
=
μ
(1)


Similar Part No. - SG6846ALSY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846ALSZ FAIRCHILD-SG6846ALSZ Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846ALSY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com