Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6905SZ Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SG6905SZ
Description  Green mode PFC/Flyback-PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6905SZ Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SG6905SZ Datasheet HTML 5Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 6Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 7Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 8Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 9Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 10Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 11Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 12Page - Fairchild Semiconductor SG6905SZ Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Product Specification
Green mode PFC/Flyback-PWM Controller
SG6905
© System General Corp.
- 9 -
www.sg.com.t w • www.fairchildsemi.com
Version 1.1.1 (IAO33.0060.B1)
September 27, 2007
RDY section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VFB-RDY-HIGH
Threshold voltage of FBPFC for RDY high
impedance
2.65
2.7
2.75
V
IFB-RDY-HIGH
The leakage current of RDY is a high
impedance at the voltage of FBPFC
FBPFC= 2V
10
µA
VOL
Output Voltage Low for RDY is failed
ISINK= 1mA
0.5
V
tRDY
The interval between FBPFC exceeds
VFB-RDY-HIGH and RDY is high impedance
4
6
ms
OTP section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOTP
OTP Pin Output Current
RI= 24KΩ
90
100
110
µA
VOTP-ON
Recovery level on OTP
1.35
1.4
1.45
V
VOTP-OFF
OTP Threshold Voltage
1.15
1.2
1.25
V
tOTP
OTP Debounce Time
RI= 24KΩ
8
25
µs
Soft-Start Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISS
Constant Current Output for Soft Start
RT= 24KΩ
44
50
56
µA
RD
Discharge RDSON
470


Similar Part No. - SG6905SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
SG6901A FAIRCHILD-SG6901A Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
SG6901ASZ FAIRCHILD-SG6901ASZ Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
SG6901ASZ FAIRCHILD-SG6901ASZ Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
More results

Similar Description - SG6905SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
   Green-Mode PFC / Forward PWM Controller
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com