Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB1T11A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # USB1T11A
Description  Universal Serial Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T11A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button USB1T11A_08 Datasheet HTML 3Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 4Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 5Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 6Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 7Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 8Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 9Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 10Page - Fairchild Semiconductor USB1T11A_08 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
USB1T11A • Rev. 1.0.2
10
Physical Dimensions
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
AND TIE BAR EXTRUSIONS
F. DRAWING FILE NAME: MTC14REV6
R0.09 min
12.00°
TOP & BOTTOM
0.43 TYP
1.00
D. DIMENSIONING AND TOLERANCES PER ANSI
Y14.5M, 1982
R0.09min
E. LANDPATTERN STANDARD: SOP65P640X110-14M
0.65
6.10
1.65
0.45
A. CONFORMS TO JEDEC REGISTRATION MO-153,
VARIATION AB, REF NOTE 6
B. DIMENSIONS ARE IN MILLIMETERS
Figure 13. 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/


Similar Part No. - USB1T11A_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T11ABQX FAIRCHILD-USB1T11ABQX Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AM FAIRCHILD-USB1T11AM Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AMTC FAIRCHILD-USB1T11AMTC Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AMTCX FAIRCHILD-USB1T11AMTCX Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AMTCX_NL FAIRCHILD-USB1T11AMTCX_NL Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
More results

Similar Description - USB1T11A_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com