Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBIT1103 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # USBIT1103
Description  Universal Serial Bus Peripheral Transceiver with Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USBIT1103 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button USBIT1103 Datasheet HTML 4Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 5Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 6Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 7Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 8Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 9Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 10Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 11Page - Fairchild Semiconductor USBIT1103 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
USB1T1103 Rev. 1.0.
3
8
DC Electrical Characteristics
Supply Terminals
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted).
VCC (5V) = 4.0V to 5.5V or VREG (3.3V) = 3.0V to 3.6V, VCCIO = 1.65V to 3.6V.
Notes:
9. ILOAD includes the pull-up resistor current via terminal VPU
10. The minimum voltage in Suspend mode is 2.7V.
11. Not tested in production, value based on characterization.
12. Excludes any current from load and VPU current to the 1.5kΩ resistor.
13. Includes current between Vpu and the 1.5k internal pull-up resistor.
14. When VCCIO < 2.7V, minimum value for VREGTH = 2.0V for supply present condition.
15. DC electrical measurements should be taken with unused inputs and I/O pins connected to a valid logic level. This applies for all
modes of device operation defined in the Functional Tables on Page 4.
Symbol
Parameter
Conditions
Limits
Units
-40ºC to +85ºC
Min.
Typ. Max.
VREG (3.3V) Regulated Supply Output
Internal Regulator Option; ILOAD ≤300 µA
3.0(9)(10)
3.3
3.6
V
ICC
Operating Supply Current
(VCC5.0)
Transmitting and Receiving at 12 Mbits/s;
CLOAD = 50 pF (D+, D-)
4.0(11)
8.0
mA
ICCIO
I/O Operating Supply Current
Transmitting and Receiving at 12 Mbits/s
1.0(11)
2.0
mA
ICC (IDLE)
Supply Current during
IDLE: VD + ≤2.7V, VD - ≤ 0.3V;
300(12)
µA
FS IDLE and SE0 (VCC5.0)
SE0: VD + ≤ 0.3V, VD - ≤0.3V
ICCIO (STATIC) I/O Static Supply Current
IDLE, SUSPND or SE0
20.0
µA
ICC(DISABLE) Disable Supply Current
VCCIO = 0V
25.0
µA
VCC Connected
ICC(SUSPND) Suspend Supply Current
SUSPND = HIGH
25.0(12)
µA
USB1T1103
OE = HIGH
Vm = Vp = OPEN
ICCIO(SHAR-
ING)
I/O Sharing Mode Supply Current VCC (5V) Not Connected
20.0
µA
ID+ (SHARING) Sharing Mode Load Current on
VCC (5V) Not Connected
10.0
µA
ID +/-
D+/D- Terminals
Config = LOW; V= 3.6V
ID+(DISABLE) Disable Mode Load Current on
VCCIO Not Connected or 0V
10.0
µA
ID+/-
D+/D- Terminals
Config = VD ± = 3.6V LOW or HIGH
VCCTH
VCC Threshold Detection Voltage 1.65V ≤ VCCIO ≤3.6V
V
Supply Lost
3.6
Supply Present
4.1
VCCHYS
VCC Threshold Detection
VCCIO = 1.8V
70.0
mV
Hysteresis Voltage
VCCIOTH
VCCIO Threshold Detection Volt-
age
2.7V
≤ VREG ≤ 3.6V
V
Supply Lost
0.5
Supply Present
1.4
VCCIOHYS
VCCIO Threshold Detection
VREG = 3.3V
450
mV
Hysteresis Voltage
VREGTH
Regulated Supply Threshold
1.65V
≤ VCCIO ≤ VREG
V
Detection Voltage
2.7V
≤ VREG ≤ 3.6V
Supply Lost
0.8
Supply Present
2.4(14)
VREGHYS(15) Regulated Supply Threshold
VCCIO = 1.8V
450
mV
Detection Hysteresis Voltage


Similar Part No. - USBIT1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
USBIE TI-USBIE Datasheet
6Mb / 1396P
[Old version datasheet]   TivaTM4C123GH6PM Microcontroller
USBIS TI-USBIS Datasheet
6Mb / 1396P
[Old version datasheet]   TivaTM4C123GH6PM Microcontroller
More results

Similar Description - USBIT1103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1102 FAIRCHILD-USB1T1102 Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1104 FAIRCHILD-USB1T1104 Datasheet
360Kb / 13P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1105A FAIRCHILD-USB1T1105A Datasheet
304Kb / 12P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103_06 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com