Electronic Components Datasheet Search |
|
FSA2268 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FSA2268 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 2 page September 2008 © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com FSA2268/2268T Rev. 1.0.4 Click here for this datasheet translated into Chinese! FSA2268 / FSA2268T Low-Voltage Dual-SPDT (0.4 Ω) Analog Switch with 16kV ESD Features 0.4Ω Typical On Resistance (RON) for +3.0V Supply 0.25Ω Maximum RON Flatness for +3.0V Supply -3db Bandwidth: > 50MHz Low ICCT Current Over an Expanded Control Input Range Packaged in Pb-free 10-Lead µMLP (1.4 x 1.8mm) Power-Off Protection on Common Ports Broad VCC Operating Range: 1.65 to 4.3V HBM JEDEC: JESD22-A114 - I/O to GND: 13.5kV - Power to GND: 16.0kV Noise Immunity Termination Resistors in FSA2268T Applications Cell Phone, PDA, Digital Camera, and Notebook LCD Monitor, TV, and Set-Top Box Description The FSA2268 is a high-performance, dual Single Pole Double Throw (SPDT) analog switch that features ultra- low RON of 0.4Ω (typical) at 3.0V VCC. The FSA2268 operates over a wide VCC range of 1.65V to 4.3V and is designed for break-before-make operation. The select input is TTL-level compatible. The FSA2268 features very low quiescent current even when the control voltage is lower than the VCC supply. This feature suits mobile handset applications by allowing direct interface with baseband processor general-purpose I/Os with minimal battery consumption. The FSA2268T includes termination resistors that improve noise immunity during overshoot excursions, off-isolation coupling, or “pop-minimization.” IMPORTANT NOTE: For additional performance information, please contact analogswitch@fairchildsemi.com. Ordering Information Part Number Top Mark Eco Status Package Description FSA2268UMX GF RoHS 10-Lead, Quad Ultrathin Molded Leadless Package (UMLP), 1.4 x 1.8mm, 0.4mm pitch FSA2268TUMX GH RoHS 10-Lead, Quad Ultrathin Molded Leadless Package (UMLP), 1.4 x 1.8mm, 0.4mm pitch FSA2268L10X GH Green 10-Lead, MicroPak™, 1.6mm Wide For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html. Analog Symbols 1B0 1B1 1A S1 2B0 2B1 2A S2 2B0 2B1 2A GND S2 1B0 1B1 1A GND S1 Figure 1. FSA2268 Figure 2. FSA2268T (with Noise Termination Resistors) |
Similar Part No. - FSA2268_08 |
|
Similar Description - FSA2268_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |