Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2467UMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA2467UMX
Description  0.4廓 Low-Voltage Dual DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2467UMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA2467UMX Datasheet HTML 1Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 2Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 3Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 4Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.5
5
AC Electrical Characteristics
Typical values are at 25ºC unless otherwise specified.
TA = +25ºC
TA = -40 to
+85ºC
Symbol
Parameter
Conditions
VCC
Min.
Typ.
Max.
Min.
Max.
Units
Figure
nB0 or nB1=1.5V
3.6 to 4.3
50
60
RL=50Ω, CL=35pF
2.7 to 3.6
65
75
tON
Turn-On Time
2.3 to 2.7
80
90
ns
Figure 7
nB0 or nB1=1.5V
3.6 to 4.3
32
40
RL=50Ω, CL=35pF
2.7 to 3.6
42
50
tOFF
Turn-Off Time
2.3 to 2.7
52
60
ns
Figure 7
nB0 or nB1=1.5V
3.6 to 4.3
12
RL=50Ω, CL=35pF
2.7 to 3.6
15
tBBM
Break-Before-
Make Time
2.3 to 2.7
20
ns
Figure 8
CL=100pF,
VGEN=0V, RGEN=0Ω
3.6 to 4.3
15
CL=100pF,
VGEN=0V, RGEN=0Ω
2.7 to 3.6
10
Q
Charge Injection
CL=100pF,
VGEN=0V, RGEN=0Ω
2.3 to 2.7
8
pC
Figure
10
3.6 to 4.3
-75
2.7 to 3.6
-75
OIRR
Off Isolation
f=100KHz,
RL=50Ω,CL=5pF
2.3 to 2.7
-75
dB
Figure 9
3.6 to 4.3
-75
2.7 to 3.6
-75
Xtalk
Crosstalk
f=100KHz,
RL=50Ω, CL=5pF
2.3 to 2.7
-75
dB
Figure 9
BW
-3dB Bandwidth
RL=50Ω
2.3 to 4.3
85
MHZ
Figure
12
RL=32Ω, VIN=2VPP,
f=20 to 20kHZ
3.6 to 4.3
0.02
RL=32Ω, VIN=2VPP,
f=20 to 20kHZ
2.7 to 3.6
0.02
THD
Total Harmonic
Distortion
RL=32Ω, VIN=2VPP,
f=20 to 20kHZ
2.3. to 2.7
0.02
%
Figure
13
Capacitance
Symbol
Parameter
Conditions
VCC
TA = +25ºC Typical
Units
Figure
CIN
Control Pin Input Capacitance
f=1MHZ
0
1.5
pF
Figure 7
COFF
B Port Off Capacitance
f=1MHZ
3.3
32
pF
Figure 7
CON
A Port On Capacitance
f=1MHZ
3.3
118
pF
Figure 7


Similar Part No. - FSA2467UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2467UMX ONSEMI-FSA2467UMX Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSA2467UMX FAIRCHILD-FSA2467UMX_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
More results

Similar Description - FSA2467UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com