Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA3157L6X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA3157L6X
Description  Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3157L6X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA3157L6X Datasheet HTML 3Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 4Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 5Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 6Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 7Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 8Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 9Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 10Page - Fairchild Semiconductor FSA3157L6X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.2
9
Physical Dimensions
Figure 21. 6-Lead, SC70, EIAJ SC88, 1.25mm Wide Package
Note: click here for tape and reel specifcations, available at:
http://www.fairchildsemi.com/products/analog/pdf/sc70-6_tr.pdf
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FSA3157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157L6X FAIRCHILD-FSA3157L6X Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
FSA3157L6X FAIRCHILD-FSA3157L6X Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FSA3157L6X ONSEMI-FSA3157L6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
More results

Similar Description - FSA3157L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com