Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA5157 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSA5157
Description  0.4廓 Low-Voltage SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA5157 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSA5157 Datasheet HTML 4Page - Fairchild Semiconductor FSA5157 Datasheet HTML 5Page - Fairchild Semiconductor FSA5157 Datasheet HTML 6Page - Fairchild Semiconductor FSA5157 Datasheet HTML 7Page - Fairchild Semiconductor FSA5157 Datasheet HTML 8Page - Fairchild Semiconductor FSA5157 Datasheet HTML 9Page - Fairchild Semiconductor FSA5157 Datasheet HTML 10Page - Fairchild Semiconductor FSA5157 Datasheet HTML 11Page - Fairchild Semiconductor FSA5157 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA5157 Rev. 1.0.3
11
Physical Dimensions
Figure 16. 6-Lead MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
For MicroPak tape and reel specifications, please visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X


Similar Part No. - FSA5157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Fairchild Semiconductor
FSA5157L6X FAIRCHILD-FSA5157L6X Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
FSA5157L6X FAIRCHILD-FSA5157L6X Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
More results

Similar Description - FSA5157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
   Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com