Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SBU3157 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SBU3157
Description  Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SBU3157 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SBU3157_08 Datasheet HTML 1Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 2Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 3Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 4Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 5Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 6Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 7Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 8Page - Fairchild Semiconductor NC7SBU3157_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SBU3157, FSAU3157 Rev. 1.0.4
5
AC Electrical Characteristics
Notes:
8. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than
the RC delay of the on resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage
source (zero output impedance).
9. Guaranteed by design.
10. Off Isolation = 20 log10 [VA / VBn].
Capacitance
TA = +25°C, f = 1MHz. Capacitance is characterized, but not tested in production.
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
TA = –40°C to
+85°C
Units Figure
Min. Typ. Max. Min.
Max.
tPHL,
tPLH
Propagation Delay
Bus-to-Bus(8)
VI = OPEN
1.65 to 1.95
ns
Figure 7
Figure 8
2.3 to 2.7
1.2
1.2
3.0 to 3.6
0.8
0.8
4.5 to 5.5
0.3
0.3
tPZL,
tPZH
Output Enable Time
Turn-On Time
(A to Bn)
VI = 2 x VCC for tPZL
VI = 0V for tPZH
1.65 to 1.95 7.0
23.0
7.0
24.0
ns
Figure 7
Figure 8
2.3 to 2.7
3.5
13.0
3.5
14.0
3.0 to 3.6
2.5
6.9
2.5
7.6
4.5 to 5.5
1.7
5.2
1.7
5.7
tPLZ,
tPHZ
Output Disable Time
Turn-Off Time
(A Port to B Port)
VI = 2 x VCC for tPLZ
VI = 0V for tPHZ
1.65 to 1.95 3.0
12.5
3.0
13.0
ns
Figure 7
Figure 8
2.3 to 2.7
2.0
7.0
2.0
7.5
3.0 to 3.6
1.5
5.0
1.5
5.3
4.5 to 5.5
0.8
3.5
0.8
3.8
tBBM
Break-Before-Make
Time(9)
1.65 to 1.95 0.5
0.5
ns
Figure 9
2.3 to 2.7
0.5
0.5
3.0 to 3.6
0.5
0.5
4.5 to 5.5
0.5
0.5
Q
Charge Injection(9)
CL = 0.1nF, VGEN = 0V,
5.0
7.0
pC
Figure 10
RGEN = 0Ω
3.3
3.0
OIRR
Off Isolation(10)
RL = 50Ω, f = 10MHz
1.65 to 5.5
–57.0
dB
Figure 11
Xtalk
Crosstalk
RL = 50Ω, f = 10MHz
1.65 to 5.5
–54.0
dB
Figure 12
BW
–3dB Bandwidth
RL = 50Ω
1.65 to 5.5
250
MHz Figure 15
THD
Total Harmonic
Distortion(9)
RL = 600Ω, 0.5VPP,
f = 20Hz to 20KHz
5.0
.011
%
Symbol
Parameter
Conditions
Typ.
Max.
Units
Figure
CIN
Control Pin Input Capacitance
VCC = 0V
2.3
pF
CIO-B
B Port Off Capacitance
VCC = 5.0V
6.5
pF
Figure 13
CIOA-ON A Port Capacitance When Switch Is Enabled
VCC = 5.0V
18.5
pF
Figure 14


Similar Part No. - NC7SBU3157_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
   Low Voltage SPDT Analog Switch with 2V Undershoot Protection
More results

Similar Description - NC7SBU3157_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SB3157 FAIRCHILD-NC7SB3157_08 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com