Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSEZ1216NY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSEZ1216NY
Description  Primary-Side-Regulation PWM Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1216NY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSEZ1216NY Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1216 • Rev. 1.0.0
5
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
25
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Threshold Voltage
4.5
5.0
5.5
V
IDD-ST
Startup Current
0< VDD < VDD-ON-0.16V
10
20
μA
IDD-OP
Operating Current
VDD=20V, fS=fOSC, VVS=2V,
VCS=3V, CL=1nF
3.5
5.0
mA
IDD-GREEN
Green Mode Operating Supply
Current
VDD=20V, VVS=2.7V,
fS=fOSC-N-MIN, VCS=0V, CL=1nF,
VCOMV=0V
1
2
mA
VDD-OVP
VDD Over-Voltage-Protection
Level
VCS=3V, VVS=2.3V
27
28
29
V
tD-VDDOVP
VDD Over-Voltage-Protection
Debounce Time
fs= fOSC, VVS=2.3V
100
250
400
μs
Oscillator Section
Center Frequency
TA=25°C
39
42
45
fOSC
Frequency
Frequency
Hopping Range
TA=25°C
±1.8
±2.6
±3.6
KHz
tFHR
Frequency Hopping Period
TA=25°C
3
ms
fOSC-N-MIN
Minimum Frequency at No Load VVS=2.7V, VCOMV=0V
550
Hz
fOSC-CM-MIN
Minimum Frequency at CCM
VVS=2.3V, VCS=0.5V
20
KHz
fDV
Frequency Variation vs. VDD
Deviation
VDD=10V to 25V
5
%
fDT
Frequency Variation vs.
Temperature Deviation
TA=-40°C to +85°C
15
%
Voltage-Sense Section
IVS-UVP
Sink Current for Brownout
Protection
RVS=20KΩ
125
μA
Itc
IC Compensation Bias Current
9.5
μA
VBIAS-COMV
Adaptive Bias Voltage
Dominated by VCOMV
VCOMV=0V, TA=25°C, RVS=20KΩ
1.4
V
Current-Sense Section
tPD
Propagation Delay to GATE
Output
100
200
ns
tMIN-N
Minimum On Time at No Load
VVS=-0.8V, RS=2KΩ, VCOMV=1V
1100
ns
tMINCC
Minimum On Time in CC Mode
VVS=0V, VCOMV=2V
400
ns
DSAW
Duty Cycle of SAW Limiter
40
%
VTH
Threshold Voltage for Current
Limit
1.3
V
Continued on following page…


Similar Part No. - FSEZ1216NY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216NY FAIRCHILD-FSEZ1216NY Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results

Similar Description - FSEZ1216NY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com