Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSQ500L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSQ500L
Description  Compact, Green Mode, Fairchild Power Switch (FPS??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ500L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSQ500L Datasheet HTML 1Page - Fairchild Semiconductor FSQ500L Datasheet HTML 2Page - Fairchild Semiconductor FSQ500L Datasheet HTML 3Page - Fairchild Semiconductor FSQ500L Datasheet HTML 4Page - Fairchild Semiconductor FSQ500L Datasheet HTML 5Page - Fairchild Semiconductor FSQ500L Datasheet HTML 6Page - Fairchild Semiconductor FSQ500L Datasheet HTML 7Page - Fairchild Semiconductor FSQ500L Datasheet HTML 8Page - Fairchild Semiconductor FSQ500L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ500L • Rev. 1.0.0
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.
Symbol
Parameter
Min.
Max.
Unit
VDS
Drain Pin Voltage
(5)
700
V
VCC
Supply Voltage
10
V
VFB
Feedback Voltage Range
-0.3
VCC
V
PD
Total Power Dissipation
0.78
W
IDM
Drain Current Pulsed
(6)
0.41
A
TJ
Operating Junction Temperature
-25
+150
°C
TSTG
Storage Temperature
-55
+150
°C
Notes:
5.
LDMOS available drain voltage is -0.3V ~ 700V.
6.
Repetitive rating: pulse width is limited by maximum junction temperature.
Thermal Impedance
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Resistance
(7)
+160
°C/W
Note:
7.
Free-standing with no heat sink; minimum land pattern.


Similar Part No. - FSQ500L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ500L FAIRCHILD-FSQ500L Datasheet
690Kb / 11P
   Compact Green-Mode Adapter
FSQ500L FAIRCHILD-FSQ500L Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500L FAIRCHILD-FSQ500L_09 Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
More results

Similar Description - FSQ500L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com