Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30BQX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSUSB30BQX
Description  Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30BQX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB30BQX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.6
5
USB Hi-Speed Related AC Electrical Characteristics
Note:
5. Guaranteed by characterization.
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Figure
Number
Min.
Typ.
Max.
tSK(O)
Channel-to-Channel
Skew(5)
RL = 50Ω, CL = 5pF
3.0 to 3.6
50
ps
Figure 7
Figure 11
tSK(P)
Skew of Opposite
Transitions of the
Same Output(5)
RL = 50Ω, CL = 5pF
3.0 to 3.6
20
ps
Figure 7
Figure 11
tJ
Total Jitter(5)
RL = 50Ω, CL = 5pF,
tR = tF = 500ps at 480 Mbps
(PRBS = 215
− 1)
3.0 to 3.6
200
ps
Symbol
Parameter
Conditions
TA = −40°C to +85°C
Units
Figure
Number
Min.
Typ.
Max.
CIN
Control Pin Input Capacitance
VCC = 0V
1.5
pF
Figure 16
CON
D1n, D2n, Dn On Capacitance
VCC = 3.3, OE = 0V
3.7
pF
Figure 15
COFF
D1n, D2n Off Capacitance
VCC and OE = 3.3
2.5
pF
Figure 16


Similar Part No. - FSUSB30BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30BQX FAIRCHILD-FSUSB30BQX Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30BQX FAIRCHILD-FSUSB30BQX Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30BQX FAIRCHILD-FSUSB30BQX_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com