Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31K8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSUSB31K8X
Description  Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31K8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSUSB31K8X Datasheet HTML 1Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 2Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 3Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 4Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31K8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.0.8
4
DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
Notes:
3. Measured by the voltage drop between Dn, HSD, and Dn pins at the indicated current through the switch.
On resistance is determined by the lower of the voltage on the two ports.
4. Guaranteed by characterization.
AC Electrical Characteristics
All typical values are for VCC = 3.3V are at 25°C unless otherwise specified.
Note:
5. Guaranteed by characterization.
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = −18mA
3.0
-1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
4.3
1.7
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
4.3
0.7
IIN
Control Input Leakage
VIN = 0V to VCC
4.3
-1.0
1.0
μA
IOZ
OFF State Leakage
0
≤ HSD ≤ VCC
4.3
-2.0
2.0
μA
IOFF
Power OFF Leakage
Current (D+, D–)
VIN = 0.0V to 4.3V,
VCC = 0V
0-2.0
2.0
μA
RON
Switch On Resistance(3)
VIN = 0.4V, ION = −8mA
3.0
6.5
10.0
Ω
ΔRON
Delta RON(4)
VIN = 0.4V, ION = −8mA
3.0
0.35
Ω
RON Flatness RON Flatness(3)
VIN = 0.0V −1.0V,
ION = −8mA
3.0
2.0
Ω
ICC
Quiescent Supply Current
VIN = 0.0V or VCC,
IOUT = 0
4.3
1.0
μA
ICCT
Increase in ICC Current
per Control Voltage and
VCC Levels
VIN = 2.6V, VCC = 4.3V
4.3
10.0
μA
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Unit
Figure
Number
Min.
Typ.
Max.
tON
Turn-On Time,
OE to Output
VIN = 0.8V, RL = 50Ω,
CL = 5pF
3.0 to 3.6
15.0
30.0
ns
Figure 13
tOFF
Turn-Off Time,
OE to Output
VIN = 0.8V, RL = 50Ω,
CL = 5pF
3.0 to 3.6
12.0
25.0
ns
Figure 13
tPD
Propagation Delay(5)
RL = 50Ω, CL = 5pF
3.3
0.25
ns
Figure 11
Figure 12
tBBM
Break-Before-Make
RL = 50Ω, CL = 5pF,
VIN = 0.8V
3.0 to 3.6
2.0
6.5
ns
Figure 14
OIRR
Off Isolation
(Non-Adjacent)
RT = 50Ω, f = 240MHz
3.0 to 3.6
-35.0
dB
Figure 17
Xtalk
Non-Adjacent Channel
Crosstalk
RT = 50Ω, f = 240MHz
3.0 to 3.6
-55.0
dB
Figure 18
BW
-3dB Bandwidth
RT = 50Ω, CL = 0pF
3.0 to 3.6
720
MHz
Figure 16
RT = 50Ω, CL = 5pF
550


Similar Part No. - FSUSB31K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31K8X FAIRCHILD-FSUSB31K8X Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB31K8X ONSEMI-FSUSB31K8X Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
More results

Similar Description - FSUSB31K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com