Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5502TU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KSC5502TU
Description  NPN Planar Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5502TU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  KSC5502TU Datasheet HTML 1Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 2Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 3Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 4Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 5Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 6Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 7Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5502 Rev. A1
7
Typical Characteristics (Continued)
Figure 19. Inductive Switching Time, tF
Figure 20. Inductive Switching Time, tc
Figure 21. Capacitance
Figure 22. Power Derating
10
11
12
0
50
100
150
200
250
300
I
C
=5I
B1
=2I
B2
V
CC
=15V
V
Z
=300V
L
C
=200uH
I
C
=0.4A
I
C
=0.8A
T
J
=25
oC
T
J
=125
oC
h
FE
, FORCED GAIN @ V
CE
=1V & I
C
=0.8A
10
11
12
0
100
200
300
400
500
I
C
=5I
B1
=2I
B2
V
CC
=15V
V
Z
=300V
L
C
=200uH
I
C
=0.4A
I
C
=0.8A
T
J
=25
oC
T
J
=125
oC
h
FE
, FORCED GAIN @ V
CE
=1V & I
C
=0.8A
1
10
100
1
10
100
1000
F=1MHz
C
ob
C
ib
REVERSE VOLTAGE[V]
0
50
100
150
200
0
10
20
30
40
50
60
T
C
(
oC), CASE TEMPERATURE


Similar Part No. - KSC5502TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502D FAIRCHILD-KSC5502D Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
259Kb / 11P
   NPN Triple Diffused Planar Silicon Transistor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5502TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N917 CDIL-2N917 Datasheet
136Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Rectron Semiconductor
CMBT9014 RECTRON-CMBT9014 Datasheet
328Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com