Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5502TU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5502TU
Description  NPN Planar Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5502TU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5502TU Datasheet HTML 1Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 2Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 3Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 4Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 5Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 6Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 7Page - Fairchild Semiconductor KSC5502TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5502 Rev. A1
2
Electrical Characteristics * T
C=25°C unless otherwise noted
* Pulse Test : Pulse Width = 5ms, Duty Cycle
≤ 10%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=1mA, IE=0
1200
1350
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=5mA, IB=0
600
750
V
BVEBO
Emitter-Base Breakdown Voltage
IE=500µA, IC=0
12
13.2
V
ICES
Collector Cut-off Current
VCES=1200V, VBE=0
TC=25°C
100
µA
TC=125°C
500
ICEO
Collector Cut-off Current
VCE=600V, IB=0
TC=25°C
100
µA
TC=125°C
500
IEBO
Emitter Cut-off Current
VEB=12V, IC=0
TC=25°C
10
µA
hFE
DC Current Gain
VCE=1V, IC=0.2A
TC=25°C
15
28
40
TC=125°C
8
27
VCE=1V, IC=1A
TC=25°C
4
8.7
TC=125°C
3
6.6
VCE=2.5V, IC=0.5A
TC=25°C
12
20
30
TC=125°C
6
16
VCE(sat)
Collector-Emitter Saturation Voltage
IC=0.2A, IB=0.02A
TC=25°C
0.09
0.8
V
TC=125°C
0.13
1.1
V
IC=0.4A, IB=0.08A
TC=25°C
0.08
0.6
V
TC=125°C
0.12
1.0
V
IC=1A, IB=0.2A
TC=25°C
0.19
1.5
V
TC=125°C
0.35
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=0.4A, IB=0.08A
TC=25°C
0.77
1.0
V
TC=125°C
0.65
0.9
V
IC=1A, IB=0.2A
TC=25°C
0.83
1.2
V
TC=125°C
0.70
1.0
V
Cib
Input Capacitance
VEB=8V, IC=0, f=1MHz
410
500
pF
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
20
100
pF


Similar Part No. - KSC5502TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502D FAIRCHILD-KSC5502D Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
259Kb / 11P
   NPN Triple Diffused Planar Silicon Transistor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5502TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N917 CDIL-2N917 Datasheet
136Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Rectron Semiconductor
CMBT9014 RECTRON-CMBT9014 Datasheet
328Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com