Selected language     English  ▼


LM7805CT Datasheet(PDF) 17 Page - Fairchild Semiconductor

Part No. LM7805CT
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 17 page
background image
17
www.fairchildsemi.com
LM78XX/LM78XXA Rev. 1.0
Electrical Characteristics (LM7812A) (Continued)
Refer to the test circuits. 0°C
< TJ < 125°C, IO = 1A, VI = 19V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Note:
29. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
30. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
TJ = +25°C
11.75
12.0
12.25
V
IO = 5mA to 1A, PO ≤ 15W,
VI = 14.8V to 27V
11.5
12.0
12.5
Regline
Line Regulation(29)
VI = 14.8V to 30V, IO = 500mA
10.0
120
mV
VI = 16V to 22V
4.0
120
TJ = +25°C
VI = 14.5V to 27V
10.0
120
VI = 16V to 22V
3.0
60.0
Regload
Load Regulation(29)
TJ = +25°C, IO = 5mA to 1.5A
12.0
100
mV
IO = 5mA to 1A
12.0
100
IO = 250mA to 750mA
5.0
50.0
IQ
Quiescent Current
TJ = +25°C
5.1
6.0
mA
∆IQ
Quiescent Current Change IO = 5mA to 1A
0.5
mA
VI = 14V to 27V, IO = 500mA
0.8
VI = 15V to 30V, TJ = +25°C
0.8
∆VO/∆T
Output Voltage Drift(30)
IO = 5mA
-1.0
mV/°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C
10.0
µV/VO
RR
Ripple Rejection(30)
f = 120Hz, IO = 500mA,
VI = 14V to 24V
60.0
dB
VDROP
Dropout Voltage
IO = 1A, TJ = +25°C
2.0
V
rO
Output Resistance(30)
f = 1kHz
18.0
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C
250
mA
IPK
Peak Current(30)
TJ = +25°C
2.2
A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
GE78093-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers
GJ78MXX3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 GTM CORPORATION
GELM3173-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
TS78L003-Terminal 100mA Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
GJLM3173-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 List of Unclassifed Manufacturers
TS78M00A_073-Terminal 500mA Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
GLLM3173-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 List of Unclassifed Manufacturers
KA78XXE_063-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl