Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z2V4 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM5Z2V4
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM5Z2V4 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM5Z2V4 Datasheet HTML 1Page - Fairchild Semiconductor MM5Z2V4 Datasheet HTML 2Page - Fairchild Semiconductor MM5Z2V4 Datasheet HTML 3Page - Fairchild Semiconductor MM5Z2V4 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM5Z2V4 - MM5Z75V Rev. 1.0
1
March 2008
MM5Z2V4 - MM5Z75V
Zener Diodes
Features
• Wide Zener Voltage Range Selection, 2.4V to 75V
• Flat Lead, Surface Mount Device Under 0.70mm Height
• Extremely Small Outline Plastic Package SOD523F
• Moisture Sensitivity Level 1
• Pb Free Version and RoHS Compliant
• Matte Tin(Sn) Lead Finish
• Band Indicates Cathode
• Green Mold Compound
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
* Device mounted on FR-4 PCB minimum land pad.
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TOPR
Operating Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
500
°C/W
Device Marking
Device
Package
Packing
Reel Size
Tape Width
Quantity
Refer to
Product table list
Refer to
Product table list
SOD-523F
Tape & Reel
7”
12mm
3,000
Electrical Symbol
SOD-523F
Cathode
Anode


Similar Part No. - MM5Z2V4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z2V4 EIC-MM5Z2V4 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z2V4 DGNJDZ-MM5Z2V4 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z2V4 LEIDITECH-MM5Z2V4 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z2V4 WEITRON-MM5Z2V4 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z2V4 DGNJDZ-MM5Z2V4 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z2V4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com