Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG5841J Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SG5841J
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5841J Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SG5841J_08 Datasheet HTML 1Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 2Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 3Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 4Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 5Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 6Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 7Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 8Page - Fairchild Semiconductor SG5841J_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG5841J • Rev. 1.3.3
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only. All voltage values, except differential voltages, are
given with respect to GND pin.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
30
V
VIN
Input Terminal
30
V
VFB
Input Voltage to FB Pin
-0.3
7.0
V
VSENSE
Input Voltage to SENSE Pin
-0.3
7.0
V
VRT
Input Voltage to RT Pin
-0.3
7.0
V
VRI
Input Voltage to RI Pin
-0.3
7.0
V
DIP
800
PD
Power Dissipation (TA < 50°C )
SOP
400
mW
DIP
82.5
ΘJA
Thermal Resistance (Junction-to-Air)
SOP
141
°C/W
DIP
59.7
ΘJC
Thermal Resistance (Junction-to-Case)
SOP
80.8
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or Infrared,
10 Seconds)
260
°C
Human Body Model, JESD22-A114
3
kV
ESD
Charged Device Model, JESD22-C101
250
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperatures
-20
+85
°C


Similar Part No. - SG5841J_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5841JDZ FAIRCHILD-SG5841JDZ Datasheet
495Kb / 14P
   Highly Integrated Green-Mode PWM Controller
SG5841JSZ FAIRCHILD-SG5841JSZ Datasheet
495Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5841J_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com