Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA20N50_0707 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDA20N50_0707
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA20N50_0707 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDA20N50_0707 Datasheet HTML 1Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 2Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 3Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 4Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 5Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 6Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 7Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 8Page - Fairchild Semiconductor FDA20N50_0707 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDA20N50 / FDA20N50_F109 Rev. B1
July 2007
UniFET
TM
FDA20N50 / FDA20N50_F109
500V N-Channel MOSFET
Features
• 22A, 500V, RDS(on) = 0.23Ω @VGS = 10 V
• Low gate charge ( typical 45.6 nC)
•Low Crss ( typical 27 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3P
FDA Series
Symbol
Parameter
FDA20N50
Unit
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
22
13.2
A
A
IDM
Drain Current
- Pulsed
(Note 1)
88
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1110
mJ
IAR
Avalanche Current
(Note 1)
22
A
EAR
Repetitive Avalanche Energy
(Note 1)
28.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
280
2.3
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Min.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
0.44
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
* Drain current limited by maximum junction termperature.


Similar Part No. - FDA20N50_0707

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA20N50 FAIRCHILD-FDA20N50_07 Datasheet
405Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FDA20N50_0707

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com