Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA8440 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDA8440
Description  N-Channel PowerTrench짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA8440 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDA8440 Datasheet HTML 1Page - Fairchild Semiconductor FDA8440 Datasheet HTML 2Page - Fairchild Semiconductor FDA8440 Datasheet HTML 3Page - Fairchild Semiconductor FDA8440 Datasheet HTML 4Page - Fairchild Semiconductor FDA8440 Datasheet HTML 5Page - Fairchild Semiconductor FDA8440 Datasheet HTML 6Page - Fairchild Semiconductor FDA8440 Datasheet HTML 7Page - Fairchild Semiconductor FDA8440 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDA8440 Rev. A2
March 2008
FDA8440
N-Channel PowerTrench® MOSFET
40V, 100A, 2.1m
Ω
Features
•RDS(on) = 1.46mΩ (Typ.)@ VGS = 10V, ID = 80A
•Qg(tot) = 345nC (Typ.)@ VGS = 10V
• Low Miller Charge
• Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• 160A Guarantee for 2 sec
•RoHS Compliant
Application
• Automotive Engine Control
• Powertrain Management
• Motors, Solenoids
• Electronic Steering
• Integrated Starter/ Alternator
• Distributed Power Architectures and VRMs
• Primary Switch for 12V systems
MOSFET Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3PN
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
40
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
- Continuous (TC = 155oC)
100
A
- Continuous (TA = 25oC, VGS = 10V, RθJA = 40oC/W )
30
A
- Pulsed
500
A
EAS
Single Pulsed Avalanche Energy
(Note 1)
1682
mJ
PD
Power dissipation
306
W
Derate above 25oC
2.04
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to +175
oC
RθJC
Thermal Resistance, Junction to Case
0.49
oC/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 2)
40
oC/W
TC = 25oC unless otherwise noted


Similar Part No. - FDA8440

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA8440 FAIRCHILD-FDA8440 Datasheet
340Kb / 8P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDA8440 ISC-FDA8440 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDA8440

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com