Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6680AS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDD6680AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6680AS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD6680AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD6680AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD6680AS Rev A1 (X)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Drain-Source Avalanche Energy
Single Pulse, VDD = 15 V,
ID=13.5A
54
205
mJ
IAR
Drain-Source Avalanche Current
13.5
A
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V, ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25°C
29
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1 mA
1
1.4
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 12.5 A
VGS = 4.5 V,
ID = 10 A
VGS= 10 V, ID = 12.5A, TJ= 125°C
8.6
10.3
12.5
10.5
13.0
16.0
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 15 V,
ID = 12.5 A
44
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
1200
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
120
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
6
12
ns
td(off)
Turn–Off Delay Time
28
45
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
12
22
ns
td(on)
Turn–On Delay Time
14
25
ns
tr
Turn–On Rise Time
13
23
ns
td(off)
Turn–Off Delay Time
20
32
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
11
20
ns
Qg(TOT)
Total Gate Charge at Vgs=10V
21
29
nC
Qg
Total Gate Charge at Vgs=5V
11
15
nC
Qgs
Gate–Source Charge
3
nC
Qgd
Gate–Drain Charge
VDD = 15 V,
ID = 12.5 A
4
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
4.4
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 4.4 A
(Note 2)
VGS = 0 V,
IS = 7 A
(Note 2)
0.5
0.6
0.7
V
trr
Diode Reverse Recovery Time
IF = 12.5A,
diF/dt = 300 A/µs
(Note 3)
17
nS
Qrr
Diode Reverse Recovery Charge
11
nC


Similar Part No. - FDD6680AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6680AS_NL FAIRCHILD-FDD6680AS_NL Datasheet
123Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDD6680AS_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com