Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDJ1032C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDJ1032C
Description  Complementary PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDJ1032C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDJ1032C Datasheet HTML 1Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 2Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 3Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 4Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 5Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 6Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 7Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 8Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FDJ1032C Rev. B
2(W)
Typical Characteristics : Q1
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
Q
g, GATE CHARGE (nC)
I
D = -2.8A
V
DS = -5V
-10V
-15V
0
100
200
300
400
500
05
10
15
20
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = -4.5V
SINGLE PULSE
RθJA = 140
oC/W
T
A = 25
oC
10ms
1ms
10s
0
2
4
6
8
10
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 140°C/W
T
A = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.


Similar Part No. - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
650Kb / 9P
   Complementary PowerTrench MOSFET
More results

Similar Description - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
650Kb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KI4542DY KEXIN-KI4542DY Datasheet
77Kb / 3P
   30V Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com