Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728A Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 6Page - STMicroelectronics L6728A Datasheet HTML 7Page - STMicroelectronics L6728A Datasheet HTML 8Page - STMicroelectronics L6728A Datasheet HTML 9Page - STMicroelectronics L6728A Datasheet HTML 10Page - STMicroelectronics L6728A Datasheet HTML 11Page - STMicroelectronics L6728A Datasheet HTML 12Page - STMicroelectronics L6728A Datasheet HTML 13Page - STMicroelectronics L6728A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
L6728A
Driver section
10/32
5
Driver section
The integrated high-current drivers allow using different types of power MOSFET (also
multiple MOSFETs to reduce the equivalent RDS(on)), maintaining fast switching transition.
The driver for the high-side MOSFET uses BOOT pin for supply and PHASE pin for return.
The driver for low-side MOSFET uses the VCC pin for supply and GND pin for return.
The controller embodies an anti-shoot-through and adaptive dead-time control to minimize
low side body diode conduction time, maintaining good efficiency while saving the use of
Schottky diode:
to check high-side MOSFET turn off, PHASE pin is sensed. When the voltage at PHASE pin
drops down, the low-side MOSFET gate drive is suddenly applied;
to check low-side MOSFET turn off, LGATE pin is sensed. When the voltage at LGATE has
fallen, the high-side MOSFET gate drive is suddenly applied.
If the current flowing in the inductor is negative, voltage on PHASE pin will never drop. To
allow the low-side MOSFET to turn-on even in this case, a watchdog controller is enabled: if
the source of the high-side MOSFET doesn't drop, the low side MOSFET is switched on so
allowing the negative current of the inductor to recirculate. This mechanism allows the
system to regulate even if the current is negative.
Power conversion input is flexible: 5 V, 12 V bus or any bus that allows the conversion (See
maximum duty cycle limitations) can be chosen freely.
5.1
Power dissipation
L6728A embeds high current MOSFET drivers for both high side and low side MOSFETs: it
is then important to consider the power that the device is going to dissipate in driving them
in order to avoid overcoming the maximum junction operative temperature.
Two main terms contribute in the device power dissipation: bias power and drivers' power.
Device bias power (PDC) depends on the static consumption of the device through the
supply pins and it is simply quantifiable as follow (assuming to supply HS and LS
drivers with the same VCC of the device):
Drivers power is the power needed by the driver to continuously switch on and off the
external MOSFETs; it is a function of the switching frequency and total gate charge of
the selected MOSFETs. It can be quantified considering that the total power PSW
dissipated to switch the MOSFETs (easy calculable) is dissipated by three main
factors: external gate resistance (when present), intrinsic MOSFET resistance and
intrinsic driver resistance. This last term is the important one to be determined to
calculate the device power dissipation. The total power dissipated to switch the
MOSFETs results:
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device.
P
DC
V
CC
I
CC
I
BOOT
+
()
=
P
SW
F
SW
Q
gHS
V
BOOT
Q
gLS
V
CC
+
()
=


Similar Part No. - L6728A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
L6728AHTR STMICROELECTRONICS-L6728AHTR Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
More results

Similar Description - L6728A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
L6728D STMICROELECTRONICS-L6728D Datasheet
1Mb / 33P
   Single-phase PWM controller with Power Good
L6728_0706 STMICROELECTRONICS-L6728_0706 Datasheet
1Mb / 31P
   Single phase PWM controller with Power Good
L6728H STMICROELECTRONICS-L6728H Datasheet
1Mb / 32P
   Single phase PWM controller with Power Good
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
Microsemi Corporation
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
STMicroelectronics
L6728 STMICROELECTRONICS-L6728 Datasheet
1Mb / 32P
   Single phase PWM controller with PowerGOOD
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com