Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8834TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM8834TR
Description  4 A dual low side MOSFET driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM8834TR Datasheet HTML 3Page - STMicroelectronics PM8834TR Datasheet HTML 4Page - STMicroelectronics PM8834TR Datasheet HTML 5Page - STMicroelectronics PM8834TR Datasheet HTML 6Page - STMicroelectronics PM8834TR Datasheet HTML 7Page - STMicroelectronics PM8834TR Datasheet HTML 8Page - STMicroelectronics PM8834TR Datasheet HTML 9Page - STMicroelectronics PM8834TR Datasheet HTML 10Page - STMicroelectronics PM8834TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PM8834
Device description and operation
7/18
4
Device description and operation
PM8834 is a dual low side driver suitable for charging and discharging large capacitive
loads like MOSFETs or IGBTs used in power supplies and DC/DC modules. PM8834 can
sink and source 4 A on both low side driver branch but higher driving current can be
obtained by paralleling its outputs.
Even though this device has been designed to cope with loads requiring high peak current
and fast switching time, the ultimate driving capability depends on the power dissipation in
the device which must be kept below the power dissipation capability of the package. This
aspect will be discussed in Section 5.2.
For enhanced control of operation PM8834 make provision of dual independent active high
enable pins (ENABLE_1 and ENABLE_2). Connecting those pin to GND pin, will disable the
corresponding low side driver.
PM8834 uses the VCC pin for supply and GND pin for return.
The dual low-side driver has been design to work with supply voltage in the range
of 5 to 18 V.
Before VCC overcome the UVLO threshold (UVLOVCC), PM8834 keeps firmly-OFF both low-
side MOSFETs then, after the UVLO has crossed, the PWM input keeps the control of the
driver operations provided that the corresponding enable pin is active. Both PWM_1 and
PWM_2 are internally pulled down so if left floating the corresponding output pins are
discharged.
Input pins (PWM_1, PWM_2, ENABLE_1 and ENABLE_2) are CMOS/TTL compatible with
capability to work also with voltages up to VCC.
4.1
Input stage
4.1.1
PWM inputs
The input of the PM8834 dual low side driver are compatible to CMOS/TTL levels with
capability to be pulled up to VCC.
The relation between the input pins (PWM_1, PWM_2) and the corresponding PWM output
is depicted in Figure 3. In the worst case, input levels above 2.5 V are recognized as high
voltage and value below 0.8 V are recognized as low logic value.
Propagation delays for high-low (tD_HL) and low-high (tD_LH) and rise (tR) and fall (tR) times
have been designed to ensure operation in fast switching environment.
Matching between delays in the two branches of the PM8834 ensure symmetry in the
operations and allows parallel output functionality.
Each PWM input feature 10
μA pulldown to default OFF the status of the external MOSFET
/ IGBT.


Similar Part No. - PM8834TR

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
   PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
   Panametrics portable hygrometer
12/2020
logo
STMicroelectronics
PM8800 STMICROELECTRONICS-PM8800 Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
556Kb / 35P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
More results

Similar Description - PM8834TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
IXYS Corporation
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
   15 A Dual Low-Side RF MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
   Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
   Rad-hard 4.5 A dual low-side MOSFET driver
February 2019 Rev 7
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com