Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA46N15 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQA46N15
Description  150V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA46N15 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA46N15_07 Datasheet HTML 1Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 2Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 3Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 4Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 5Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 6Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 7Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 8Page - Fairchild Semiconductor FQA46N15_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FQA46N15 / FQA46N15_F109 Rev. A1
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.43mH, IAS =50A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 45.6A, di/dt ≤300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQA46N15
FQA46N15
TO-3P
--
--
30
FQA46N15
FQA46N15_F109
TO-3PN
--
--
30
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
150
--
--
V
∆BVDSS/
∆TJ
Breakdown Voltage Temperature Coefficient
ID = 250 µA, Referenced to 25°C
--
0.16
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 150 V, VGS = 0 V
--
--
1
µA
VDS = 120 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA2.0
--
4.0
V
RDS(on)
Static Drain-Source On-Resistance
VGS = 10 V, ID = 25A
--
0.033
0.042
gFS
Forward Transconductance
VDS = 40 V, ID = 25A
(Note 4)
--
36
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2500
3250
pF
Coss
Output Capacitance
--
520
670
pF
Crss
Reverse Transfer Capacitance
--
100
130
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 75 V, ID = 45.6A,
RG = 25 Ω
(Note 4, 5)
--
35
80
ns
tr
Turn-On Rise Time
--
320
650
ns
td(off)
Turn-Off Delay Time
--
210
430
ns
tf
Turn-Off Fall Time
--
200
410
ns
Qg
Total Gate Charge
VDS = 120 V, ID = 45.6A,
VGS = 10 V
(Note 4, 5)
--
85
110
nC
Qgs
Gate-Source Charge
--
15
--
nC
Qgd
Gate-Drain Charge
--
41
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
50
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
200
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS =50A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 45.6 A,
dIF / dt = 100 A/µs
(Note 4)
--
130
--
ns
Qrr
Reverse Recovery Charge
--
0.55
--
µC


Similar Part No. - FQA46N15_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA46N15 FAIRCHILD-FQA46N15 Datasheet
759Kb / 8P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA46N15 ISC-FQA46N15 Datasheet
361Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA46N15_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com