Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDW2501N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDW2501N
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2501N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDW2501N_08 Datasheet HTML 1Page - Fairchild Semiconductor FDW2501N_08 Datasheet HTML 2Page - Fairchild Semiconductor FDW2501N_08 Datasheet HTML 3Page - Fairchild Semiconductor FDW2501N_08 Datasheet HTML 4Page - Fairchild Semiconductor FDW2501N_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDW2501N Rev E1(W)
Typical Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
3.5V
2.5V
2.0V
VGS = 4.5V
1.5V
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
VGS = 2.0V
3.5V
3.0V
4.5V
2.5V
4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 6.0A
VGS = 4.5V
0.01
0.02
0.03
0.04
0.05
0
2
4
6
8
10
V
GS, GATE TO SOURCE VOLTAGE (V)
ID = 3.0A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDW2501N_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDW2501N_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com