Electronic Components Datasheet Search |
|
XC6121C548ER Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6121C548ER Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 23 page 1/23 XC6121/XC6122 XC6123/XC6124 Series Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V) 0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 01 23 4 5 6 Input Voltage: VIN (V) XC6121~XC6124(VDF=2.7V) Ta=85℃ Ta=-40℃ Ta=25℃ ■GENERAL DESCRIPTION The XC6121/XC6122/XC6123/XC6124 series are groups of high-precision, low current consumption voltage detectors with watchdog functions incorporating CMOS process technology. The series consist of a reference voltage source, delay circuit, comparator, and output driver. With the built-in delay circuit, the XC6121/XC6122/XC6123/XC6124 series’ ICs do not require any external components to output signals with release delay time. The output type is VDFL low when detected. With the XC6121/XC6122/XC6123/XC6124 series’ ICs, the EN/ENB pin can control ON and OFF of the watchdog functions. By setting the EN/ENB pin to low or high level, the watchdog function can be OFF while the voltage detector remains operation. Since the EN/ENB pin of the XC6122 and XC6124 series is internally pulled up to the VIN pin or pulled down to the VSS pin, the ICs can be used with the EN/ENB pin left open, when the watchdog functions is used. The detect voltages are internally fixed 1.6V ~ 5.0V in increments of 100mV, using laser trimming technology. Six watchdog timeout period settings are available in a range from 50ms to 1.6s. Five release delay time settings are available in a range from 3.13ms to 400ms. ■FEATURES Detect Voltage Range : 1.6V ~ 5.0V, +2% (100mV increments) Hysteresis Width : VDFL x 5% (TYP.) Operating Voltage Range : 1.0V ~ 6.0V Detect Voltage Temperature Characteristics : +100ppm/OC (TYP.) Output Configuration : N-channel open drain Watchdog Pin : Watchdog input If watchdog input maintains ‘H’ or ‘L’ within the watchdog timeout period, a reset signal is output from the RESETB pin. EN/ENB Pin : When the EN/ENB pin voltage is set to low or high level, the watchdog function is forced off. Release Delay Time : 400ms, 200ms, 100ms, 50ms, 3.13ms (TYP.) Watchdog Timeout Period : 1.6s, 800ms, 400ms, 200ms, 100ms, 50ms (TYP.) Package : SOT-25, USP-6C ■APPLICATIONS ●Microprocessor watchdog monitoring and reset circuits ●Memory battery backup circuits ●System power-on reset circuits ●Power failure detection ■TYPICAL APPLICATION CIRCUIT ■TYPICAL PERFORMANCE CHARACTERISTICS ●Supply Current vs. Input Voltage ETR0209-009 |
Similar Part No. - XC6121C548ER |
|
Similar Description - XC6121C548ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |