Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDW2520C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDW2520C
Description  Complementary PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2520C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDW2520C Datasheet HTML 1Page - Fairchild Semiconductor FDW2520C Datasheet HTML 2Page - Fairchild Semiconductor FDW2520C Datasheet HTML 3Page - Fairchild Semiconductor FDW2520C Datasheet HTML 4Page - Fairchild Semiconductor FDW2520C Datasheet HTML 5Page - Fairchild Semiconductor FDW2520C Datasheet HTML 6Page - Fairchild Semiconductor FDW2520C Datasheet HTML 7Page - Fairchild Semiconductor FDW2520C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDW2520C Rev C1(W)
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V, ID = 250 µA
VGS = 0 V, ID = –250 µA
Q1
Q2
20
–20
V
∆BVDSS
===∆TJ
Breakdown Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
ID = –250 µA, Referenced to 25°C
Q1
Q2
14
–17
mV/°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 16 V, VGS = 0 V
VDS = –16 V, VGS = 0 V
Q1
Q2
1
–1
µA
IGSS
Gate-Body Leakage
VGS = +12 V, VDS = 0 V
VGS = +12 V, VDS = 0 V
Q1
Q2
+100
+100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
VDS = VGS, ID = –250 µA
Q1
Q2
0.4
–0.4
1.0
–1.0
1.5
–1.5
V
∆VGS(th)
===∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
ID = –250 µA, Referenced to 25°C
Q1
Q2
–3.3
3.1
mV/°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 4.5 V, ID = 6 A
VGS = 2.5 V, ID = 5 A
VGS = 4.5 V, ID = 6 A, TJ = 125°C
Q1
14
19
19
18
28
29
mΩ
VGS = –4.5 V, ID = –4.4 A
VGS = –2.5 V, ID = –3.3 A
VGS = –4.5 V, ID = –4.4 A, TJ = 125°C
Q2
28
43
39
35
57
56
mΩ
ID(on)
On-State Drain Current
VGS = 4.5 V, VDS = 5 V
VGS = –4.5 V, VDS = –5 V
Q1
Q2
30
–30
A
gFS
Forward Transconductance VDS = 5 V, ID = 6 A
VDS = –5 V, ID = –4.4 A
Q1
Q2
30
17
S
Dynamic Characteristics
Ciss
Input Capacitance
Q1
Q2
1325
1330
pF
Coss
Output Capacitance
Q1
Q2
358
552
pF
Crss
Reverse Transfer
Capacitance
Q1:
VDS = 10 V, VGS = 0 V,
f = 1.0 MHz
Q2:
VDS = –10 V, VGS = 0 V,
f = 1.0 MHz
Q1
Q2
168
153
pF
Switching Characteristics
td(on)
Turn-On Delay Time
Q1
Q2
6
12
20
25
ns
tr
Turn-On Rise Time
Q1
Q2
11
19
40
40
ns
td(off)
Turn-Off Delay Time
Q1
Q2
32
60
60
100
ns
tf
Turn-Off Fall Time
Q1:
VDD = 10 V, ID = 1 A,
VGS = 4.5V, RGEN = 6 Ω
Q2:
VDD = –10 V, ID = –1 A,
VGS = –4.5V, RGEN = 6 Ω
Q1
Q2
19
37
34
70
ns
Qg
Total Gate Charge
Q1
Q2
14
14
20
20
nC
Qgs
Gate-Source Charge
Q1
Q2
2.6
3.0
nC
Qgd
Gate-Drain Charge
Q1:
VDS = 10 V, ID = 6 A,
VGS = 4.5 V
Q2:
VDS = –5 V, ID = –4.4 A,
VGS = –4.5 V
Q1
Q2
3.7
3.9
nC


Similar Part No. - FDW2520C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
logo
Analog Devices
FDW2520C AD-FDW2520C Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
FDW2520C AD-FDW2520C Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - FDW2520C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
650Kb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KI4542DY KEXIN-KI4542DY Datasheet
77Kb / 3P
   30V Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com