Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP8442 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP8442
Description  N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8442 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP8442 Datasheet HTML 1Page - Fairchild Semiconductor FDP8442 Datasheet HTML 2Page - Fairchild Semiconductor FDP8442 Datasheet HTML 3Page - Fairchild Semiconductor FDP8442 Datasheet HTML 4Page - Fairchild Semiconductor FDP8442 Datasheet HTML 5Page - Fairchild Semiconductor FDP8442 Datasheet HTML 6Page - Fairchild Semiconductor FDP8442 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDP8842 Rev. A
www.fairchildsemi.com
5
Figure 5.
110
100
0.1
1
10
100
1000
LIMITED
BY PACKAGE
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
DC
4000
Forward Bias Safe Operating Area
0.01
0.1
1
10
100
1000
1
10
100
500
5000
STARTING TJ = 150
o
C
STARTING TJ = 25
o
C
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
NOTE:
Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
C
apability
Figure 7.
2.02.5
3.03.5
4.04.5
5.0
0
40
80
120
160
TJ = -55oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDD = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 8.
01
23
45
0
40
80
120
160
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 10V
VGS = 5V
VGS = 4.5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
Saturation Characteristics
Figure 9.
45
6
7
89
10
0
10
20
30
40
50
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
Drain to Source On-Resistance
Variation vs Gate to Source Voltage
Figure 10.
-80
-40
0
40
80
120
160
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TJ, JUNCTION TEMPERATURE(oC)
ID = 80A
VGS = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics


Similar Part No. - FDP8442

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP8442 ISC-FDP8442 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDP8442-F085 ONSEMI-FDP8442-F085 Datasheet
513Kb / 8P
   N-Channel PowerTrench® MOSFET 40V, 80A, 3.1mΩ
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDP8442_F085 FAIRCHILD-FDP8442_F085 Datasheet
406Kb / 7P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDP8442

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDI8441 FAIRCHILD-FDI8441_10 Datasheet
488Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.7m廓
FDB8443 FAIRCHILD-FDB8443_11 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
FDB031N08 FAIRCHILD-FDB031N08 Datasheet
639Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.1m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com