Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP12N35 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP12N35
Description  350V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP12N35 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP12N35 Datasheet HTML 1Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 2Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 3Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 4Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 5Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 6Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 7Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 8Page - Fairchild Semiconductor FDP12N35 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FDP12N35 / FDPF12N35 Rev. B
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9-1. Maximum Safe Operating Area
Figure 9-2. Maximum Safe Operating Area
for FDP12N35
for FDPF12N35
Figure 10. Maximum Drain Current
vs. Case Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0 V
2. I
D = 250 μA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
* Notes :
1. V
GS = 10 V
2. I
D = 6 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 μs
DC
10 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 μs
DC
10 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
5
10
15
T
C, Case Temperature [
oC]


Similar Part No. - FDP12N35

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP12N35 ISC-FDP12N35 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP12N35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLP11N35UZ MAPLESMI-SLP11N35UZ Datasheet
323Kb / 7P
   350V N-Channel MOSFET
logo
Fairchild Semiconductor
FDPF12N35 FAIRCHILD-FDPF12N35 Datasheet
792Kb / 8P
   350V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD11N35UZ MAPLESMI-SLD11N35UZ Datasheet
961Kb / 6P
   350V N-Channel MOSFET
SLP13N35UZ MAPLESMI-SLP13N35UZ Datasheet
421Kb / 7P
   350V N-Channel MOSFET
logo
KIA Semiconductor Techn...
6035A KIA-6035A Datasheet
257Kb / 5P
   11A, 350V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com