Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5973AD_0808 Datasheet(PDF) 7 Page - STMicroelectronics

Part # A5973AD_0808
Description  Up to 1.5 A step down switching regulator for automotive applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD_0808 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A5973AD_0808 Datasheet HTML 3Page - STMicroelectronics A5973AD_0808 Datasheet HTML 4Page - STMicroelectronics A5973AD_0808 Datasheet HTML 5Page - STMicroelectronics A5973AD_0808 Datasheet HTML 6Page - STMicroelectronics A5973AD_0808 Datasheet HTML 7Page - STMicroelectronics A5973AD_0808 Datasheet HTML 8Page - STMicroelectronics A5973AD_0808 Datasheet HTML 9Page - STMicroelectronics A5973AD_0808 Datasheet HTML 10Page - STMicroelectronics A5973AD_0808 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
A5973AD
Functional description
7/19
4
Functional description
The main internal blocks are shown in Figure 3, where is reported the device block diagram.
They are:
A voltage regulator that supplies the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available.
A voltage monitor circuit that checks the input and internal voltages.
A fully integrated sawtooth oscillator whose frequency is 500 kHz
Two embedded current limitations circuitries which control the current that flows
through the power switch. The pulse by pulse current limit forces the power switch OFF
cycle by cycle if the current reaches an internal threshold, while the frequency shifter
reduces the switching frequency in order to strongly reduce the duty cycle.
A transconductance error amplifier.
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary
to drive the internal power.
An high side driver for the internal P-MOS switch.
An inhibit block for stand-by operation
A circuit to realize the thermal protection function.
Figure 3.
Block diagram


Similar Part No. - A5973AD_0808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973ADTR STMICROELECTRONICS-A5973ADTR Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
More results

Similar Description - A5973AD_0808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5970AD_0808 STMICROELECTRONICS-A5970AD_0808 Datasheet
730Kb / 17P
   Up to 1 A switch step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com