Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD913G1-C-15JI Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD913G1-C-15JI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913G1-C-15JI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD913G1-C-15JI Datasheet HTML 2Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 3Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 4Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 5Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 6Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 7Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 8Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 9Page - STMicroelectronics PSD913G1-C-15JI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
PSD9XX Family
Preliminary Information
2
1.0
Introduction
(Cont.)
The PSD9XX family offers two methods to program PSD Flash memory while the PSD is
soldered to a circuit board.
t In-System Programming (ISP) JTAG
An IEEE 1149.1 compliant JTAG interface is included on the PSD enabling the entire
device (both flash memories, the PLD, and all configuration) to be rapidly programmed
while soldered to the circuit board. This requires no MCU participation, which means
the PSD can be programmed anytime, even while completely blank.
The innovative JTAG interface to flash memories is an industry first, solving key
problems faced by designers and manufacturing houses, such as:
First time programming – How do I get firmware into the flash the very first time?
JTAG is the answer, program the PSD while blank with no MCU involvement.
Inventory build-up of pre-programmed devices – How do I maintain an accurate
count of pre-programmed flash memory and PLD devices based on customer
demand? How many and what version? JTAG is the answer, build your hardware
with blank PSDs soldered directly to the board and then custom program just before
they are shipped to customer. No more labels on chips and no more wasted
inventory.
Expensive sockets – How do I eliminate the need for expensive and unreliable
sockets? JTAG is the answer. Solder the PSD directly to the circuit board. Program
first time and subsequent times with JTAG. No need to handle devices and bend the
fragile leads.
t In-Application Programming (IAP)
Two independent flash memory arrays are included so the MCU can execute code
from one memory while erasing and programming the other. Robust product firmware
updates in the field are possible over any communication channel (CAN, Ethernet,
UART, J1850, etc) using this unique architecture. Designers are relieved of these
problems:
Simultaneous read and write to flash memory – How can the MCU program the
same memory from which it is executing code? It cannot. The PSD allows the MCU
to operate the two flash memories concurrently, reading code from one while erasing
and programming the other during IAP.
Complex memory mapping – I have only a 64K-byte address space to start with.
How can I map these two memories efficiently? A Programmable Decode PLD is the
answer. The concurrent PSD memories can be mapped anywhere in MCU address
space, segment by segment with extremely high address resolution. As an option,
the secondary flash memory can be swapped out of the system memory map when
IAP is complete. A built-in page register breaks the 64K-byte address limit.
Separate program and data space – How can I write to flash memory while it
resides in “program” space during field firmware updates, my MCU won’t allow it!
The flash PSD provides means to “reclassify” flash memory as “data” space during
IAP, then back to “program” space when complete.
PSDsoft Express – ST’s software development tool – guides you through the design
process step-by-step making it possible to complete an embedded MCU design capable of
ISP/IAP in just hours. Select your MCU and PSDsoft Express will take you through the
remainder of the design with point and click entry, covering...PSD selection, pin definitions,
programmable logic inputs and outputs, MCU memory map definition, ANSI C code gener-
ation for your MCU, and merging your MCU firmware with the PSD design. When com-
plete, two different device programmers are supported directly from PSDsoft – FlashLINK
(JTAG) and PSDpro.
The PSD9XX is available in 52-pin PLCC and PQFP packages as well as a 64-pin TQFP
package.


Similar Part No. - PSD913G1-C-15JI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD913G2 STMICROELECTRONICS-PSD913G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
More results

Similar Description - PSD913G1-C-15JI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com