Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L30M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30M Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L30M Datasheet HTML 1Page - STMicroelectronics STPS1L30M Datasheet HTML 2Page - STMicroelectronics STPS1L30M Datasheet HTML 3Page - STMicroelectronics STPS1L30M Datasheet HTML 4Page - STMicroelectronics STPS1L30M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS1L30M
4/5
10
100
1000
1
10
100
V (V)
R
F=1MHz
V
osc=30mV
T
j=25°C
C(pF)
Fig. 9: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
V
(V)
FM
T
j=25°C
(Maximum values)
T
j=85°C
(Maximum values)
T
j=85°C
(Maximum values)
T
j=85°C
(Typical values)
T
j=85°C
(Typical values)
I
(A)
FM
Fig. 10: Forward voltage drop versus forward
current.
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
200
S(mm²)
R
(°C/W)
th(j-a)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (epoxy printed
board FR4, Cu = 35µm, typical values).
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
02468
10
12
14
16
18
20
22
24
26
28
30
V (V)
R
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
I (mA)
R
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
25
50
75
100
125
150
Tj(°C)
V
R=30V
I (mA)
R
Fig. 8: Reverse leakage current versus junction
temperature (typical values).


Similar Part No. - STPS1L30M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L30M STMICROELECTRONICS-STPS1L30M Datasheet
65Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L30MF STMICROELECTRONICS-STPS1L30MF Datasheet
91Kb / 7P
   Low drop power Schottky rectifier in flat package
STPS1L30M STMICROELECTRONICS-STPS1L30M_04 Datasheet
65Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS1L30M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com