Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V827332N04S Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V827332N04S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827332N04S Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V827332N04S Datasheet HTML 1Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 2Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 3Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 4Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827332N04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MOSEL VITELIC
1
V827332N04S
2.5 VOLT 32M x 72 HIGH PERFORMANCE
REGISTERED ECC DDR SDRAM MODULE
PRELIMINARY
V827332N04S Rev. 1.1 May 2002
Features
■ 184 Pin Registered 33,554,432 x 72 bit
Organization DDR SDRAM Modules
■ Utilizes High Performance 32M x 4 DDR
SDRAM in TSOPII-66 Packages
■ Single +2.5V (± 0.2V) Power Supply
■ Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are SSTL-2 Compatible
■ 4096 Refresh Cycles every 64 ms
■ Serial Presence Detect (SPD)
■ DDR SDRAM Performance
Description
The V827332N04S memory module is organized
33,554,432 x 72 bits in a 184 pin memory module.
The 32M x 72 memory module uses 18 Mosel-
Vitelic 32M x 4 DDR SDRAM. The x72 modules are
ideal for use in high performance computer systems
where increased memory density and fast access
times are required.
Component Used
-7
-75
-8
Units
tCK
Clock Frequency
(max.)
143
(PC266A)
133
(PC266B)
125
(PC200)
MHz
tAC
Clock Access Time
CAS Latency = 2.5
77.5
8
ns
Module Speed
A1
PC1600 (100MHz @ CL2)
B0
PC2100B (133MHz @ CL2.5)
B1
PC2100A (133MHz @ CL2)
Standard Module
Low Profile Module


Similar Part No. - V827332N04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results

Similar Description - V827332N04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827464N24S MOSEL-V827464N24S Datasheet
478Kb / 15P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com