Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5981 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5981
Description  1 A step-down switching regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5981 Datasheet(HTML) 1 Page - STMicroelectronics

  L5981_08 Datasheet HTML 1Page - STMicroelectronics L5981_08 Datasheet HTML 2Page - STMicroelectronics L5981_08 Datasheet HTML 3Page - STMicroelectronics L5981_08 Datasheet HTML 4Page - STMicroelectronics L5981_08 Datasheet HTML 5Page - STMicroelectronics L5981_08 Datasheet HTML 6Page - STMicroelectronics L5981_08 Datasheet HTML 7Page - STMicroelectronics L5981_08 Datasheet HTML 8Page - STMicroelectronics L5981_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2008
Rev 4
1/37
37
L5981
1 A step-down switching regulator
Features
1 A DC output current
2.9 V to 18 V input voltage
Output voltage adjustable from 0.6 V
250 kHz switching frequency, programmable
up to 1 MHz
Internal soft-start and inhibit
Low dropout operation: 100 % duty cycle
Voltage feed-forward
Zero load current operation
Over current and thermal protection
VFQFPN8 3 mm x 3 mm package
Applications
Consumer: STB, DVD, DVD recorder, car
audio, LCD TV and monitors
Industrial: Chargers, PLD, PLA, FPGA
Networking: XDSL, modems, DC-DC modules
Computer: Optical storage, hard disk drive,
printers, audio/graphic cards
LED driving
Description
The L5981 is step down switching regulator with
1.5 A (min.) current limited embedded power
MOSFET, so it is able to deliver in excess of 1 A
DC current to the load depending on the
application condition.
The input voltage can range from 2.9 V to 18 V,
while the output voltage can be set starting from
0.6 V to VIN. Having a minimum input voltage of
2.9 V, the device is suitable also for 3.3 V bus.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
The VFQFPN8 package with exposed pad allows
reducing the RthJA down to approximately
60 °C/W.
VFQFPN8 3 mm x 3 mm
Figure 1.
Application circuit
www.st.com


Similar Part No. - L5981_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5981TR STMICROELECTRONICS-L5981TR Datasheet
823Kb / 37P
   1A step-down switching regulator
More results

Similar Description - L5981_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com