Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6668 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6668_06 Datasheet HTML 4Page - STMicroelectronics L6668_06 Datasheet HTML 5Page - STMicroelectronics L6668_06 Datasheet HTML 6Page - STMicroelectronics L6668_06 Datasheet HTML 7Page - STMicroelectronics L6668_06 Datasheet HTML 8Page - STMicroelectronics L6668_06 Datasheet HTML 9Page - STMicroelectronics L6668_06 Datasheet HTML 10Page - STMicroelectronics L6668_06 Datasheet HTML 11Page - STMicroelectronics L6668_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L6668
8/23
Figure 11. Start-up & UVLO vs. Tj
Figure 12. Vcc Zener voltage vs. Tj
Figure 13. COMP voltage upper clamp level vs. Tj
Figure 14. COMP source current vs. Tj
Figure 15. COMP dynamic resistance vs. Tj
Figure 16. Max. duty-cycle vs. Tj
Tj (°C)
V
CC (pin 5)
(V)
-50
0
50
100
150
8
9
10
11
12
13
14
ON
OFF
OFF while
latched off
Tj (°C)
VccZ (pin 5)
(V)
-50
0
50
100
150
20
21
22
23
24
25
26
Tj (°C)
V
COMP(pin 10)
(V)
-50
0
50
100
150
5
5.5
6
6.5
7
Vcc = 15 V
Tj (°C)
ICOMP(pin 10)
-50
0
50
100
150
60%
80%
100%
120%
140%
Vcc = 15 V
VCOMP= 1 V
Values normalized to ICOMP @ 25°C
RCOMP (pin 10)
(k
Ω)
-50
0
50
100
150
18
20
22
24
26
28
30
32
Vcc = 15 V
Tj (°C)
RCOMP (pin 10)
(k
Ω)
-50
0
50
100
150
18
20
22
24
26
28
30
32
Vcc = 15 V
Tj (°C)
Tj (°C)
-50
0
50
100
150
70
71
72
73
74
75
Vcc = 15 V
(%)


Similar Part No. - L6668_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668TR STMICROELECTRONICS-L6668TR Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
More results

Similar Description - L6668_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
   Primary PWM Controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com